Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 29 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 29 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 25Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 26Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 27Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
ADM1026
http://onsemi.com
29
Note that the THERM pin is bidirectional, so THERM
may be pulled low externally as an input. This causes the
PWM and DAC outputs to go to full scale until THERM is
returned high again. To disable THERM as an input, set Bit 0
of Configuration Register 3 (Reg. 07h). This configures
Pin 42 as GPIO16 and prevents a low on Pin 42 from driving
the fans at full speed.
Figure 53. Assertion of INT Due to THERM Event
THERM LIMIT
THERM LIMIT - 55C
THERM
INT
INT CLEARED BY STATUS REG 1 READ,
BIT 2 OF CONFIG. REG. 1 SET, OR ARA
TEMPERATURE
Reset Input and Outputs
The ADM1026 has two active low, power-on reset
outputs, RESETMAIN and RESETSTBY. These operate as
follows.
RESETSTBY monitors 3.3 V STBY. At powerup,
RESETSTBY is asserted (pulled low) until 180 ms after
3.3 V STBY rises above the reset threshold.
RESETMAIN monitors 3.3 V MAIN. This means that at
powerup, RESETMAIN is asserted (pulled low) until
180 ms after 3.3 V MAIN rises above the reset threshold.
If 3.3 V MAIN rises with or before DVCC, RESETMAIN
remains asserted until 180 ms after RESETSTBY is
negated. RESETMAIN can also function as a RESET input.
Pulling this pin low resets the registers, which are initialized
to their default values by a software reset. (See the Software
Reset Function section for register details).
Note that the 3.3 V STBY pin supplies power to the
ADM1026. In applications that do not require monitoring of
a 3.3 V STBY and 3.3 V MAIN supply, these two pins should
be connected together (3.3 V MAIN should not be left
floating).
To ensure that the 3.3 V STBY pin does not become back
driven, the 3.3 V STBY supply should power on before all
other voltages in the system.
See Table 5 for more information about pin configuration.
Figure 54. Operation of Offset Outputs
RESETSTBY
RESETMAIN
3.3VMAIN
~1.0 V
180ms
POWER−ON RESET
180ms
3.3VSTBY
~1.0 V
NAND Tree Tests
A NAND tree is provided in the ADM1026 for automated
test equipment (ATE) board-level connectivity testing. This
allows the functionality of all digital inputs to be tested in a
simple manner and any pins that are nonfunctional or
shorted together to be identified. The structure of the NAND
tree is shown in Figure 55. The device is placed into NAND
tree test mode by powering up with Pin 25 held high. This
pin is sampled automatically after powerup, and if it is
connected high, then the NAND test mode is invoked.
Figure 55. NAND Tree
NTESTOUT
GPIO8
FAN0
FAN1
FAN2
FAN3
FAN4
FAN5
FAN6
CI
SDA
SCL
FAN7
INT
GPIO9
GPIO10
GPIO11
GPIO12
GPIO13
GPIO14
GPIO15
GPIO16
The NAND tree test may be carried out in one of two
ways.
1. Start with all inputs low and take them high in
turn, starting with the input nearest to
NTEST_OUT (GPIO16/ THERM) and working
back up the tree to the input furthest from
NTESTOUT (INT). This should give the
characteristic output pattern shown in Figure 56,
with NTESTOUT toggling each time an input is
taken high.
2. Start with all inputs high and take them low in
turn, starting with the input furthest from
NTEST_OUT (INT) and working down the tree to
the input nearest to NTEST_OUT
(GPIO16/THERM). This should give a similar
output pattern to Figure 57.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com