Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 32 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 32 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 28Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 29Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 30Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 31Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
ADM1026
http://onsemi.com
32
Reduced Power Mode
The ADM1026 can be placed in a low power mode by
setting Bit 0 of the configuration register to 0. This disables
the internal ADC.
Software Reset Function
As previously mentioned, the ADM1026 can be reset in
software by setting Bit 7 of Configuration Register 1
(Reg. 00h) to 1. Configuration Register 1, 00h, should then
be manually cleared. Note that the software reset differs
from a power-on reset in that only some of the ADM1026
registers are reinitialized to their power-on default values.
The registers that are initialized to their default values by the
software reset are
Configuration Registers (Registers 01h to 0Bh)
Mask Registers 1 to 6, internal temperature offset, and
Status Registers 4, 5, and 6 (Registers 18h to 25h)
All value registers (Registers 1Fh, 20h to 3Fh)
External 1 and External 2 Offset Registers (6Eh, 6Fh)
Note that the limit registers (0Dh to 12h, 40h to 6Dh) are
not reset by the software reset function. This can be useful
if one needs to reset the part but does not want to reprogram
all parameters again. Note that a power-on reset initializes
all registers on the ADM1026, including the limit registers.
Application Schematic
Figure 61 shows how the ADM1026 could be used in an
application that requires system management of a PC or
server. Several GPIOs are used to read the VID codes of the
CPU. Up to two CPU temperature measurements can be read
back. All power supply voltages are monitored in the
system. Up to eight fan speeds can be measured, irrespective
of whether they are controlled by the ADM1026 or
hardwired to a system supply. The VREF output includes the
recommended filtering circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com