Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 1 Page - ON Semiconductor

  ADM1026JSTZ-R7 Datasheet HTML 1Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 2Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 3Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 4Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 5Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 6Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 7Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 8Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
 Semiconductor Components Industries, LLC, 2012
April, 2012 − Rev. 4
1
Publication Order Number:
ADM1026/D
ADM1026
Complete Thermal System
Management Controller
The ADM1026 is a complete system hardware monitor for
microprocessor-based systems, providing measurement and limit
comparison of various system parameters. The ADM1026 has up to 19
analog measurement channels. Fifteen analog voltage inputs are
provided, five of which are dedicated to monitoring +3.3 V, +5.0 V,
and 12 V power supplies, and the processor core voltage. The
ADM1026 can monitor two other power supply voltages by
measuring its own VCC and the main system supply. One input (two
pins) is dedicated to a remote temperature-sensing diode. Two
additional pins can be configured as general-purpose analog inputs to
measure 0 V to 2.5 V, or as a second temperature sensing input. The
eight remaining inputs are general-purpose analog inputs with a range
of 0 V to 2.5 V or 0 V to 3.0 V. The ADM1026 also has an on-chip
temperature sensor.
The ADM1026 has eight pins that can be configured for fan speed
measurement or as general-purpose logic I/O pins. Another eight pins are
dedicated to general-purpose logic I/O. An additional pin can be
configured as a general-purpose I/O or as the bidirectional THERM pin.
Measured values can be read out via a 2-wire serial system
management bus, and values for limit comparisons can be
programmed over the same serial bus. The high speed, successive
approximation ADC allows frequent sampling of all analog channels
to ensure a fast interrupt response to any out-of-limit measurement.
Features
Up to 19 Analog Measurement Channels
(Including Internal Measurements)
Up to 8 Fan Speed Measurement Channels
Up to 17 General-Purpose Logic I/O Pins
Remote Temperature Measurement with Remote Diode (Two Channels)
On-Chip Temperature Sensor
Analog and PWM Fan Speed Control Outputs
2-Wire Serial System Management Bus (SMBus)
8 kB On-Chip EEPROM
Full SMBus 1.1 Support Includes Packet Error Checking (PEC)
Chassis Intrusion Detection
Interrupt Output (SMBAlert)
Reset Input, Reset Outputs
Thermal Interrupt (THERM) Output
Limit Comparison of All Monitored Values
This is a Pb-Free Device*
Applications
Network Servers and Personal Computers
Telecommunications Equipment
Test Equipment and Measuring Instruments
*For additional information on our Pb-Free strategy and soldering details, please download the ON Semiconductor Soldering and Mounting
Techniques Reference Manual, SOLDERRM/D.
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 54 of this data sheet.
ORDERING INFORMATION
ADM1026JSTZ = Special Device Code
#
= Pb-Free Package
YYWW
= Date Code
MARKING DIAGRAM
LQFP−48
CASE 932
ADM1026
JSTZ
#YYWW
1


Similar Part No. - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026JSTZ-REEL AD-ADM1026JSTZ-REEL Datasheet
634Kb / 56P
Complete Thermal and System Management Controller
3/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
ON Semiconductor
ADM1026JSTZ-REEL ONSEMI-ADM1026JSTZ-REEL Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
ADM1026JSTZ-REEL7 ONSEMI-ADM1026JSTZ-REEL7 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
More results

Similar Description - ADM1026JSTZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1026 AD-ADM1026 Datasheet
634Kb / 56P
Complete Thermal and System Management Controller
3/04-Data Sheet Changed from Rev. 0 to Rev. A
logo
National Semiconductor ...
PC87782 NSC-PC87782 Datasheet
123Kb / 17P
CompactRISC Intelligent System Management Controller
logo
AVAGO TECHNOLOGIES LIMI...
HDJD-J822-SCR00 AVAGO-HDJD-J822-SCR00 Datasheet
230Kb / 16P
Color Management System Feedback Controller
HDJD-J822 AVAGO-HDJD-J822 Datasheet
72Kb / 2P
Color Management System Feedback Controller
logo
ON Semiconductor
ADM1026 ONSEMI-ADM1026 Datasheet
504Kb / 55P
Complete Thermal System Management Controller
June, 2010 ??Rev. 3
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
Thermal Management
logo
Agilent(Hewlett-Packard...
HDJD-J822 HP-HDJD-J822 Datasheet
143Kb / 19P
Color Management System Feedback Controller
logo
Texas Instruments
TPS99000-Q1 TI1-TPS99000-Q1 Datasheet
388Kb / 9P
System Management and Illumination Controller
TPS99000-Q1 TI1-TPS99000-Q1_18 Datasheet
3Mb / 81P
System Management and Illumination Controller
TPS99001-Q1 TI-TPS99001-Q1 Datasheet
2Mb / 50P
TPS99001-Q1 System Management Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com