Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM1026JSTZ-R7 Datasheet(PDF) 36 Page - ON Semiconductor

Part # ADM1026JSTZ-R7
Description  Complete Thermal System Management Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADM1026JSTZ-R7 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button ADM1026JSTZ-R7 Datasheet HTML 32Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 33Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 34Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 35Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 36Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 37Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 38Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 39Page - ON Semiconductor ADM1026JSTZ-R7 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 55 page
background image
ADM1026
http://onsemi.com
36
Table 13. LIST OF REGISTERS
Hex
Address
Description
Power-on
Value
Name
52
AIN2 High Limit
FFh
High limit for AIN2 measurement.
53
AIN3 High Limit
FFh
High limit for AIN3 measurement.
54
AIN4 High Limit
FFh
High limit for AIN4 measurement.
55
AIN5 High Limit
FFh
High limit for AIN5 measurement.
56
AIN6 High Limit
FFh
High limit for AIN6 measurement.
57
AIN7 High Limit
FFh
High limit for AIN7 measurement.
58
AIN0 Low Limit
00h
Low limit for AIN0 measurement.
59
AIN1 Low Limit
00h
Low limit for AIN1 measurement.
5A
AIN2 Low Limit
00h
Low limit for AIN2 measurement.
5B
AIN3 Low Limit
00h
Low limit for AIN3 measurement.
5C
AIN4 Low Limit
00h
Low limit for AIN4 measurement.
5D
AIN5 Low Limit
00h
Low limit for AIN5 measurement.
5E
AIN6 Low Limit
00h
Low limit for AIN6 measurement.
5F
AIN7 Low Limit
00h
Low limit for AIN7 measurement.
60
FAN0 High Limit
FFh
High limit for Fan 0 speed measurement (no low limit).
61
FAN1 High Limit
FFh
High limit for Fan 1 speed measurement (no low limit).
62
FAN2 High Limit
FFh
High limit for Fan 2 speed measurement (no low limit).
63
FAN3 High Limit
FFh
High limit for Fan 3 speed measurement (no low limit).
64
FAN4 High Limit
FFh
High limit for Fan 4 speed measurement (no low limit).
65
FAN5 High Limit
FFh
High limit for Fan 5 speed measurement (no low limit).
66
FAN6 High Limit
FFh
High limit for Fan 6 speed measurement (no low limit).
67
FAN7 High Limit
FFh
High limit for Fan 7 speed measurement (no low limit).
68
Int. Temp. High Limit
50h (80C)
High limit for local temperature measurement.
69
Int. Temp. Low Limit
80h
Low limit for local temperature measurement.
6A
VBAT High Limit
FFh
High limit for VBAT measurement.
6B
VBAT Low Limit
00h
Low limit for VBAT measurement.
6C
AIN8 High Limit
FFh
High limit for AIN8 measurement.
6D
AIN8 Low Limit
00h
Low limit for AIN8 measurement.
6E
Ext1 Temp Offset
00h
Offset register for Remote Temperature Channel 1.
6F
Ext2 Temp Offset
00h
Offset register for Remote Temperature Channel 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com