Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 27 of 52
The following equations can be used to determine the N value and
PLL frequency:
N
f
f
VCO
PFD
×
=
2
MOD
FRAC
INT
N
+
=
LO_DIVIDER
N
f
f
PFD
LO
×
×
=
2
where:
fPFD is the phase frequency detector frequency.
fVCO is the voltage controlled oscillator frequency.
N is the fractional divide ratio (INT + FRAC/MOD)
INT is the integer divide ratio programmed in Register 0x02.
FRAC is the fractional divider programmed in Register 0x03.
MOD is the modulus divide ratio programmed in Register 0x04.
fLO is the LO frequency going to the mixer core when the loop is
locked.
LO_DIVIDER is the final divider block that divides the VCO
frequency down by 1, 2, 4, or 8 before it reaches the mixer
(see Table 12). This control is located in the LO_DIV_A bits
(Register 0x22, Bits[4:3]).
Table 12. LO Divider
LO_DIV_A (Register 0x22, Bits[4:3])
LO_DIVIDER
00
1
01
2
10
4
11
8
The lock detect signal is available as one of the selectable outputs
through the MUXOUT pin; a logic high indicates that the loop
is locked. The MUXOUT pin is controlled by the REF_MUX_SEL
bits (Register 0x21, Bits[6:4]); the PLL lock detect signal is the
default configuration.
To ensure that the PLL locks to the desired frequency, follow the
proper write sequence of the PLL registers. The PLL registers must
be configured accordingly to achieve the desired frequency, and the
last writes must be to Register 0x02 (INT_DIV), Register 0x03
(FRAC_DIV), or Register 0x04 (MOD_DIV). When one of these
registers is programmed, an internal VCO calibration is initiated,
which is the last step in locking the PLL.
The time it takes to lock the PLL after the last register is written
can be broken down into two parts: VCO band calibration and
loop settling.
After the last register is written, the PLL automatically performs
a VCO band calibration to choose the correct VCO band. This
calibration takes approximately 5120 PFD cycles. For a 40 MHz
fPFD, this corresponds to 128 µs. After calibration is complete, the
feedback action of the PLL causes the VCO to eventually lock to
the correct frequency. The speed with which this locking occurs
depends on the nonlinear cycle-slipping behavior, as well as the
small-signal settling of the loop. For an accurate estimation of
the lock time, download the ADIsimPLL tool, which correctly
captures these effects. In general, higher bandwidth loops tend
to lock more quickly than lower bandwidth loops.
Additional LO Controls
To access the LO signal going to the mixer core through the
LOOUT+ and LOOUT− pins (Pin 21 and Pin 22), enable the
LO_DRV_EN bit in Register 0x01, Bit 7. This setting offers direct
monitoring of the LO signal to the mixer for debug purposes; or the
LO signal can be used to daisy-chain many devices synchronously.
One ADRF6620 can serve as the master where the LO signal is
sourced, and the subsequent slave devices share the same LO signal
from the master. This flexibility substantially eases the LO require-
ments of a system with multiple LOs.
The LO output drive level is controlled by the LO_DRV_LVL
bits (Register 0x22, Bits[8:7]). Table 13 shows the available drive
levels.
Table 13. LO Drive Level
LO_DRV_LVL (Register 0x22, Bits[8:7])
Amplitude (dBm)
00
−4
01
0.5
10
3
11
4.5
SERIAL PORT INTERFACE (SPI)
The SPI port of the ADRF6620 allows the user to configure the
device through a structured register space provided inside the
chip. Registers are accessed via the serial port interface and can
be written to or read from via the serial port interface.
The serial port interface consists of three control lines: SCLK,
SDIO, and CS. SCLK (serial clock) is the serial shift clock. The
SCLK signal clocks data on its rising edge. SDIO (serial data
input/output) is an input or output depending on the instruction
being sent and the relative position in the timing frame. CS
(chip select bar) is an active low control that gates the read and
write cycles. The falling edge of CS, in conjunction with the rising
edge of SCLK, determines the start of the frame. All SCLK and
SDIO activity is ignored when CS is high. Table 6 and Figure 2
show the serial timing and its definitions.
The ADRF6620 protocol consists of seven register address bits,
followed by a read/write indicator and 16 data bits. Both the
address and data fields are organized from MSB to LSB.
On a write cycle, up to 16 bits of serial write data are shifted in,
MSB to LSB. If the rising edge of CS occurs before the LSB of
the serial data is latched, only the bits that were clocked in are
written to the device. If more than 16 data bits are shifted in,
the 16 most recent bits are written to the device. The ADRF6620
input logic level for the write cycle supports a logic level as low
as 1.8 V.
On a read cycle, up to 16 bits of serial read data are shifted out,
MSB to LSB. Data shifted out beyond 16 bits is undefined. It is
not necessary for readback content at a given register address to
correspond with the write data of the same address. The output
logic level for a read cycle is 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com