Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 45 of 52
REGISTER 0x21, RESET: 0x0003, NAME: PFD_CTL
Table 28. Bit Descriptions for PFD_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[6:4]
REF_MUX_SEL
Set REF output divide ratio/VPTAT/LOCK_DET
0x0
RW
000
LOCK_DET
001
VPTAT
010
REFCLK
011
REFCLK/2
100
REFCLK × 2
101
RESERVED
110
REFCLK/4
111
RESERVED
3
PFD_POLARITY
Set PFD polarity
0x0
RW
0
Positive KV VCO
1
Negative KV VCO
[2:0]
REFSEL
Set REF input divide ratio
0x3
RW
000
×2
001
×1
010
DIV2
011
DIV4
100
DIV8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com