Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 30 of 52
RF INPUT BALUN INSERTION LOSS OPTIMIZATION
As shown in Figure 71 to Figure 74, the gain of the ADRF6620
mixer has been characterized for every combination of BAL_CIN
and BAL_COUT (Register 0x30). As shown, a range of BAL_CIN
and BAL_COUT values can be used to optimize the gain of the
ADRF6620. The optimized values do not change with temperature.
After the values are chosen, the absolute gain changes over tem-
perature; however, the signature of the BAL_CIN and BAL_COUT
values is fixed.
–6
–5
–4
–3
–2
–1
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
BAL_CIN/BAL_COUT
BAL_COUT
BAL_CIN
–40°C
+25°C
+85°C
Figure 71. Gain vs. BAL_CIN and BAL_COUT at RF = 900 MHz
–12
–10
–8
–6
–4
–2
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
BAL_CIN/BAL_COUT
–40°C
+25°C
+85°C
BAL_COUT
BAL_CIN
Figure 72. Gain vs. BAL_CIN and BAL_COUT at RF = 2100 MHz
At lower input frequencies, more capacitance is needed. This
increase is achieved by programming higher codes into BAL_CIN
and BAL_COUT. At high frequencies, less capacitance is required;
therefore, lower BAL_CIN and BAL_COUT codes are appropriate.
Table 16 provides a list of recomended BAL_CIN and BAL_COUT
codes for popular radio frequencies. Use Figure 71 to Figure 74
and Table 16 only as guides; do not interpret them in the absolute
sense because every application and PCB design varies. Addi-
tional fine-tuning may be necessary to achieve the maximum gain.
–10
–9
–4
–
5
–
6
–
7
–
8
–
3
–
2
–
1
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
BAL_CIN/BAL_COUT
BAL_COUT
BAL_CIN
–40°C
+25°C
+85°C
Figure 73. Gain vs. BAL_CIN and BAL_COUT at RF = 1900 MHz
–18
–14
–10
–6
–2
–16
–12
–8
–4
0
0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7 0 1 2 3 4 5 6 7
0
1
2
3
4
5
6
7
BAL_CIN/BAL_COUT
BAL_COUT
BAL_CIN
–40°C
+25°C
+85°C
Figure 74. Gain vs. BAL_CIN and BAL_COUT at RF = 2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com