Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 10 of 52
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
8
9
10
11
12
VCC1
DECL1
CP
GND
GND
REFIN
DECL2
IFOUT1+
IFOUT1–
IFOUT2+
IFOUT2–
VCC2
NOTES
1. THE EXPOSED PAD MUST BE CONNECTED TO A GROUND
PLANE WITH LOW THERMAL IMPEDANCE.
RFIN0
GND
GND
RFIN1
GND
GND
RFIN2
GND
GND
RFIN3
GND
35
GND
36
34
33
32
31
30
29
28
27
26
25
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
ADRF6620
Figure 3. Pin Configuration
Table 9. Pin Function Descriptions1
Pin No.
Mnemonic
Description
1, 12, 13, 14, 24
VCC1, VCC2, VCC3,
VCC4, VCC5
5 V Power Supplies. Decouple all power supply pins to ground, using 100 pF and 0.1 µF
capacitors. Place the decoupling capacitors near the pins.
2, 7, 37, 46
DECL1, DECL2,
DECL3, DECL4
Decouple all DECLx pins to ground, using 100 pF, 0.1 µF, and 10 µF capacitors. Place the
decoupling capacitors near the pins.
3
CP
Synthesizer Charge Pump Output. Connect this pin to the VTUNE pin through the loop filter.
4, 5, 17, 20, 23, 25, 27,
28, 30, 31, 33, 34, 36, 48
GND
Ground.
6
REFIN
Synthesizer Reference Frequency Input.
8 to 11
IFOUT1+, IFOUT1−,
IFOUT2+, IFOUT2−
IF DGA Outputs. Connect the positive pins such that IFOUT1+ and IFOUT2+ are tied
together. Similarly, connect the negative pins such that IFOUT1− and IFOUT2− are tied
together. Refer to the Layout section for a recommended layout that minimizes parasitic
capacitance and optimizes performance.
15, 16
IFIN−, IFIN+
Differential IF DGA Inputs. AC couple the mixer outputs to the IF DGA inputs.
18, 19
MXOUT+, MXOUT−
Differential Mixer Outputs. AC couple the mixer outputs to the IF DGA inputs.
21, 22
LOOUT+, LOOUT−
Differential LO Outputs. The differential output impedance is 50 Ω.
26, 29, 32, 35
RFIN3, RFIN2,
RFIN1, RFIN0
RF Inputs. These single-ended RF inputs have a 50 Ω input impedance and must be
ac-coupled.
38, 39
RFSW0, RFSW1
External Pin Control of RF Input Switches. For logic high, connect these pins to 2.5 V logic.
40
CS
SPI Chip Select, Active Low. 3.3 V tolerant logic levels.
41
SCLK
SPI Clock. 3.3 V tolerant logic levels.
42
SDIO
SPI Data Input or Output. 3.3 V tolerant logic levels.
43
MUXOUT
Multiplexer Output. This output pin provides the PLL reference signal or the PLL lock
detect signal.
44, 45
LOIN−, LOIN+
Differential Local Oscillator Inputs. The differential input impedance is 50 Ω.
47
VTUNE
VCO Tuning Voltage. Connect this pin to the CP pin through the loop filter.
49
EPAD
Exposed Pad. The exposed pad must be connected to a ground plane with low thermal
impedance.
1
For more connection information about these pins, see Table 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com