Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 51Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 52Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 48 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 48 of 52
REGISTER 0x30, RESET: 0x00000, NAME: BALUN_CTL
Table 31. Bit Descriptions for BALUN_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[7:5]
BAL_COUT
Set balun output capacitance
0x0
RW
000
Minimum capacitance
...
...
111
Maximum capacitance
[3:1]
BAL_CIN
Set balun input capacitance
0x0
RW
000
Minimum capacitance
...
...
111
Maximum capacitance
REGISTER 0x31, RESET: 0x08EF, NAME: MIXER_CTL
Table 32. Bit Descriptions for MIXER_CTL
Bits
Bit Name
Settings
Description
Reset
Access
[11:9]
MIXER_BIAS
Set mixer bias value
0x4
RW
000
Minimum
...
111
Maximum
[8:5]
MIXER_RDAC
Set mixer RDAC value
0x7
RW
[3:0]
MIXER_CDAC
Set mixer CDAC value
0xF
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com