Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 12 of 52
RF FREQUENCY (MHz)
5
15
25
35
45
55
65
75
85
95
600
1000
1400
1800
2200
2600
3000
TA = –40°C
TA = +85°C
TA = +25°C
OIP2 (dBm)
OIP3 (dBm)
Figure 8. OIP2/OIP3 vs. RF Frequency; Measured on 1 V p-p on Each Tone
at DGA Output
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
LO FREQUENCY = 1100MHz
LO FREQUENCY = 2300MHz
LO FREQUENCY = 2100MHz
Figure 9. Gain vs. IF Frequency; RF Sweep with Fixed LO;
IF and RF Roll-Off; Measured on 1 V p-p on Each Tone at DGA Output
5
15
25
35
45
55
65
75
85
95
0
1
2
3
4
5
6
7
8
9
10
11 12 13 14 15
RFDSA
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
OIP2 (dBm)
OIP3 (dBm)
Figure 10. OIP2/OIP3 vs. RFDSA; Measured on 1 V p-p on Each Tone at
DGA Output
IF FREQUENCY (MHz)
5
15
25
35
45
55
65
75
85
95
50
100
150
200
250
300
350
400
450
500
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
OIP3 (dBm)
OIP2 (dBm
)
Figure 11. OIP2/OIP3 vs. IF Frequency; LO Sweep with Fixed RF,
IF Roll-Off; Measured on 1 V p-p on Each Tone at DGA Output
OIP3 (dBm)
OIP2 (dBm)
IF FREQUENCY (MHz)
5
15
25
35
45
55
65
75
85
95
50
100
150
200
250
300
350
400
450
500
LO FREQUENCY = 1100MHz
LO FREQUENCY = 2300MHz
LO FREQUENCY = 2100MHz
Figure 12. OIP2/OIP3 vs. IF Frequency; RF Sweep with Fixed LO;
IF and RF Roll-Off; Measured on 1 V p-p on Each Tone at DGA Output
0
50
100
150
200
250
300
350
400
450
500
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +85°C
TA = +25°C
Figure 13. Supply Current vs. RF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com