Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 19 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 19 of 52
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
800
1200
1600
2000
2400
2800
3200
LO FREQUENCY (MHz)
Figure 49. LO to IF Feedthrough at Mixer Output Without Filtering
800
1200
1600
2000
2400
2800
3200
RF FREQUENCY (MHz)
–55
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
Figure 50. RF to IF Feedthrough at Mixer Output Without Filtering;
Mixer Input Power = 0 dBm
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
350
600
850
1100 1350 1600 1850 2100 2350 2600 2850
LO FREQUENCY (MHz)
EXTERNAL LO
INTERNAL LO
Figure 51. LO to RF Feedthrough; PLO = 0 dBm
0
25
50
75
100
125
150
175
200
225
250
275
300
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
INTERNAL LO
EXTERNAL LO
Figure 52. ICC vs. RF Frequency; DGA and LO Output Disabled
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
600
1000
1400
1800
2200
2600
RF FREQUENCY (MHz)
OPTIMIZED FOR
HIGH LINEARITY
NOISE FIGURE
OPTIMIZED
Figure 53. SSB Noise Figure vs. RF Frequency (see Table 16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com