Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 24 of 52
THEORY OF OPERATION
The ADRF6620 integrates the essential elements of a multi-
channel loopback receiver that is typically used in digital
predistortion systems. The main features of the ADRF6620
include a single-pole four throw (SP4T) RF input switch with
tunable balun, variable attenuation, a wideband active mixer,
and digitally programmable variable gain amplifier (DGA).
In addition, the ADRF6620 integrates a local oscillator (LO)
generation block consisting of a synthesizer and a multicore
voltage controlled oscillator (VCO) with an octave range and
low phase noise. The synthesizer uses a fractional-N phase-locked
loop (PLL) to enable continuous LO coverage from 350 MHz to
2850 MHz.
Putting all the building blocks of the ADRF6620 together,
the signal path through the device starts at the RF input, where
one of four single-ended RF inputs is selected by the input mux
and converted to a differential signal via a tunable balun. The
differential RF signal is attenuated to an optimal input level via
the digital step attenuator with 15 dB of attenuation range in steps
of 1 dB. The RF signal is then mixed via a Gilbert cell mixer with
the LO signal down to an IF frequency. The 255 Ω terminated
differential output of the mixer is brought off chip to a pair of
inductors and passed through an IF filter. The output of the IF
filter is ac-coupled off chip and fed to an on-chip digital attenuator
and IF DGA. The output of the IF DGA is then passed to an
off-chip analog-to-digital converter (ADC).
RF INPUT SWITCHES
The ADRF6620 integrates a SP4T switch where one of four RF
inputs is selected. The desired RF input can be selected using
either pin control or register writes via the SPI. Compared to the
serial write approach, pin control allows faster control over the
switch. When the RFSW0 pin (Pin 38) and the RFSW1 pin
(Pin 39) are used, the RF switches can switch at speeds of up to
100 ns. When serial port control is used, the switch time is 100 ns,
plus the latency of the SPI programming.
The RFSW_MUX bit (Register 0x23, Bit 11) selects whether the
RF input switch is controlled via the external pins or the SPI port.
By default at power-up, the device is configured for serial control.
Writing to the RFSW_SEL bits (Register 0x23, Bits[10:9]) allows
selection of one of the four RF inputs. Alternatively, by setting
the RFSW_MUX bit high, the RFSW0 and RFSW1 pins can be
used to select the RF input. Table 10 summarizes the different
control options for the RF inputs.
To maintain good channel-to-channel isolation, ensure that unused
RF inputs are properly terminated. The RFINx ports are internally
terminated with 50 Ω resistors and have a dc bias level of 2.5 V.
To avoid disrupting the dc level, the recommended termination
is a dc blocking capacitor to GND. Figure 66 shows the recom-
mended configuration when only RFIN0 is used, and the other
RF input ports are properly terminated.
RFIN0
RFIN1
RFIN2
RFIN3
0.1µF
0.1µF
0.1µF
50Ω
50Ω
50Ω
50Ω
35
32
29
26
Figure 66. Terminating Unused RF Input Ports
Table 10. RF Input Selection Table
RFSW_MUX (Register Address 0x23[11])
SPI Control, RFSW_SEL
(Register Address 0x23[10:9])
Pin Control
Bit 11
Bit 10
Bit 9
RFSW1, Pin 39
RFSW0, Pin 38
RF Input
0
0
0
X1
X1
RFIN0
0
0
1
X1
X1
RFIN1
0
1
0
X1
X1
RFIN2
0
1
1
X1
X1
RFIN3
1
X1
X1
0
0
RFIN0
1
X1
X1
0
1
RFIN1
1
X1
X1
1
0
RFIN2
1
X1
X1
1
1
RFIN3
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com