Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 26 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 26 of 52
LO GENERATION BLOCK
The ADRF6620 offers two modes for sourcing the LO signal to
the mixer. The first mode uses the on-chip PLL and VCO. This
mode of operation provides a high quality LO that meets the
performance requirements of most applications. Using the on-
chip synthesizer and VCO removes the burden of generating
and distributing a high frequency LO signal.
The second mode bypasses the integrated LO generation block
and allows the LO to be supplied externally. This second mode
can provide a very high quality signal directly to the mixer core.
Sourcing the LO signal externally may be necessary in demanding
applications that require the lowest possible phase noise
performance.
External LO Mode
External or internal LO mode can be selected via the VCO_SEL
bits (Register 0x22, Bits[2:0]). To configure for external LO mode,
set Register 0x22, Bits[2:0] to 011 and apply the differential LO
signals to Pin 44 (LOIN−) and Pin 45 (LOIN+). The external LO
frequency range is 350 MHz to 3.2 GHz. The ADRF6620 offers the
flexibility of using a higher LO frequency signal and dividing it
down before it drives the mixer. The LO divider can be found in
the LO_DIV_A bits (Register 0x22, Bits[4:3]), where options
include ÷1, ÷2, ÷4, or ÷8.
The external LO input pins present a broadband differential 50 Ω
input impedance. The LOIN+ and LOIN− input pins must be
ac-coupled. When not in use, LOIN+ and LOIN− can be left
unconnected.
Internal LO Mode
The ADRF6620 includes an on-chip VCO and PLL for LO
synthesis. The PLL, shown in Figure 69, consists of a reference
input, phase and frequency detector (PFD), charge pump, and a
programmable integer divider with prescaler. The reference path
takes in a reference clock and divides it down by a factor of 1, 2, 4,
or 8 or multiplies it by a factor of 2 before passing it to the PFD.
The PFD compares this signal to the divided down signal from the
VCO. Depending on the PFD polarity selected, the PFD sends an
up/down signal to the charge pump if the VCO signal is slow/fast
compared to the reference frequency. The charge pump sends
a current pulse to the off-chip loop filter to increase or decrease
the tuning voltage (VTUNE).
The ADRF6620 integrates three VCO cores that cover an octave
range from 2.8 GHz to 5.7 GHz. Table 11 summarizes the fre-
quency range for each VCO. The desired VCO can be selected
by addressing the VCO_SEL bits (Register 0x22, Bits[2:0]).
Table 11. VCO Range
VCO_SEL (Register 0x22, Bits[2:0])
Frequency Range (GHz)
000
5.2 to 5.7
001
4.1 to 5.2
010
2.8 to 4.1
011
External LO
The N-divider divides down the differential VCO signal to the PFD
frequency. The N-divider can be configured for fractional mode or
integer mode by addressing the DIV_MODE bit (Register 0x02,
Bit 11). The default configuration is set for fractional mode.
+
PFD
CHARGE
PUMP
CP
÷2
N = INT +
FRAC
MOD
÷1, ÷2,
÷4, ÷8
LOIN–
VTUNE
EXTERNAL
LOOP
FILTER
LPF
LOIN+
VCO_SEL
REG 0x22[2:0]
LO_DIV_A
REG 0x22[4:3]
DIV_MODE: REG 0x02[11]
INT_DIV: REG 0x02[10:0]
FRAC_DIV: REG 0x03[10:0]
MOD_DIV: REG 0x04[10:0]
CP_CTRL
REG 0x20[13:0]
×1
×2
÷8
÷4
÷2
REFIN
REFSEL
REG 0x21[2:0]
PFD_POLARITY
REG 0x21[3]
LOOUT+
TO MIXER
LOOUT–
TO MIXER
Figure 69. LO Generation Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com