Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 39 of 52
ADC INTERFACING
The integrated IF DGA of the ADRF6620 provides variable and
sufficient drive capability for both buffered and unbuffered ADCs.
It also provides isolation between the sampling edges of the ADC
and the mixer core. As result, only an antialiasing filter is required
when interfacing with an ADC.
The ADRF6620 is optimized for use in cellular base station digital
predistortion (DPD) systems. Predistortion is used to improve
the linearity of transmitter power amplifiers (PA). Because the
input signal to the DPD path is the known transmitted signal, the
hardware specifications are not typically as stringent as the main
receive path. The signal-to-noise ratio (SNR) of the ADC is not
paramount, due to the autocorrelation with the known transmitted
signal. For this reason, lower resolution ADCs are usually adequate,
and 11-bit to 14-bit resolution typically suffices. A more critical
consideration is the analog bandwidth of the converter. Traditional
DPD systems require 3× to 5× the transmit bandwidth. Therefore,
for a 100 MHz Tx bandwidth, the DPD bandwidth must be at
least 500 MHz for fifth-order correction.
The AD9434 complements the ADRF6620 very well in a DPD
design. The AD9434 is a 12-bit, 370 MSPS/500 MSPS buffered
ADC. Its full power analog bandwidth is 1 GHz, making it wide
enough for fifth-order correction with substantial margin. The
sampling rate of the AD9434 is insufficient in satisfying the
sampling theorem; however, this may be acceptable in DPD
applications where undersampling is often permissible. Because
the receive signal in the DPD path is the known transmitted signal,
the desired signal and its aliases are clearly distinguished.
The antialiasing filter resides between the ADRF6620 and the
AD9434. Because aliasing is common practice in a DPD receive
chain, the antialiasing filter requirements can be relaxed. A
second-order or third-order filter is sufficient in reducing the
high frequency noise from folding back into the band of interest.
When designing the antialiasing filter, it is important to consider
the output impedance of the IF DGA of the ADRF6620 and the
input impedance of the AD9434. The differential resistance of
the AD9434 is 1 kΩ, and the parallel capacitance is 1.3 pF. For the
matched load condition, where the IF DGA is optimized for gain
and linearity, load the IF DGA with 150 Ω. To do this, place a
176 Ω resistor in parallel with the input of the ADC.
The parallel combination of the 176 Ω with the 1 kΩ of the ADC
input impedance results in an equivalent 150 Ω differential output
load as seen by the IF DGA of the ADRF6620. In addition, the
input capacitance of the AD9434 can be used as the fourth pole
of the antialiasing filter. The final schematic design is shown in
Figure 99. The antialiasing filter is maximally flat, with a pass-
band bandwidth of 500 MHz. Table 19 shows the component
values for the antialiasing filter design for DPD. Figure 98 shows
the simulated antialiasing filter design.
Table 19. Component Values for 500 MHz Antialiasing Filter
Design
Parameter
Value
Type
Manufacturer
L1 = L2
470 nH
0805CS
Coilcraft
C1
DNP
GRM15
Murata
L3 = L4
39 nH
0805CS
Coilcraft
C2
DNP
GRM15
Murata
L5 = L6
1 µH
0805LS
Coilcraft
L7 = L8
15 nH
0805CS
Coilcraft
C3
2.7 pF
GRM15
Murata
L9 = L10
27 nH
0805CS
Coilcraft
–50
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
Figure 98. Simulated Antialiasing Filter Design
AD9434
255Ω
ADRF6620
MIXER
OUTPUT
+5V
+5V
ADRF6620
IF AMP
L1
L2
L5
L6
L3
L4
L9
L10
L7
L8
C1
C2
C3
1kΩ
1.3pF
88Ω
88Ω
0.1µF
0.1µF
0.1µF
0.1µF
Figure 99. ADRF6620 Interface to the AD9434



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com