Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 42 of 52
REGISTER ADDRESS DESCRIPTIONS
REGISTER 0x00, RESET: 0x00000, NAME: SOFT_RESET
Table 22. Bit Descriptions for SOFT_RESET
Bit
Bit Name
Settings
Description
Reset
Access
0
SOFT_RESET
Soft reset
0x0000
W
REGISTER 0x01, RESET: 0x8B7F, NAME: ENABLES
Table 23. Bit Descriptions for Enables
Bits
Bit Name
Settings
Description
Reset
Access
15
LO_LDO_EN
Power up LO LDO
0x1
RW
11
IF_AMP_EN
IF DGA enable
0x1
RW
9
MIX_EN
Mixer enable
0x1
RW
8
LO_PATH_EN
External LO path enable
0x1
RW
7
LO_DRV_EN
LO driver enable
0x0
RW
5
REF_BUF_EN
Reference buffer enable
0x1
RW
4
VCO_EN
Power up VCOs
0x1
RW
3
DIV_EN
Power up dividers
0x1
RW
2
CP_EN
Power up charge pump
0x1
RW
1
VCO_LDO_EN
Power up VCO LDO
0x1
RW
0
LDO_3P3_EN
Power up 3.3 V LDO
0x1
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com