Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 38 of 52
IF DGA VS. LOAD
By design, the IF DGA is optimized for performance in a matched
condition where the source and load resistances are both 150 Ω.
If the load or the source resistance is not equal to 150 Ω (see the
Digitally Programmable Variable Gain Amplifier (DGA) section),
use the following equations to determine the resulting gain and
input/output resistances:
Voltage Gain = AV = 0.044 × (1000||RL)
RIN = (1000 + RL)/(1 + 0.044 × RL)
S21 (Gain) = 2 × RIN/(RIN + RS) × AV
ROUT = (1000 + RS)/(1 + 0.044 × RS)
In a configuration where the mixer outputs of the ADRF6620
are routed to the IF DGA inputs, the matched condition is no
longer satisfied because the source impedance, as seen by the IF
DGA, is the 255 Ω output impedance of the mixer outputs. As a
result, the gain and output resistance of the amplifier vary from
the expected 15 dB (see Figure 94).
255Ω
RIN
ROUT
RL
Figure 94. Mixer Loading of the IF DGA
The ideal load is 150 Ω for the matched condition; however, this
may not be the most readily available load impedance.
As a result, load vs. performance trade-offs must be considered.
In the matched condition, the IF DGA is optimized for linearity;
therefore, the third-order intermodulation product degrades with
load. Table 18 shows some common output loads, and Figure 95,
Figure 96, and Figure 97 show the effects of loading on gain,
IMD2, and IMD3.
As the equations in this section indicate, the manner in which
the IF DGA is loaded affects the input resistance, RIN, of the
amplifier. RIN, in turn, determines the load resistance of the
interstage filter between the mixer outputs and the IF DGA
inputs. The interstage filter has a source impedance of 255 Ω from
the mixer outputs and a load impedance of RIN for the particular
RL load (see Table 18). As a result of the impedance mismatch,
the insertion loss of the interstage filter must be included in the
level planning calculations.
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
RL = 150Ω
RL = 500Ω
RL = 73Ω
RL = 50Ω
Figure 95. IF DGA Gain vs. Frequency for Different Loads
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
40
120
200
280
360
440
520
600
680
FREQUENCY (MHz)
RL = 150Ω
RL = 500Ω
RL = 73Ω
RL = 50Ω
Figure 96. IF DGA IMD3 vs. Frequency for Different Loads
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
FREQUENCY (MHz)
150
Ω LOAD
50
Ω LOAD
500
Ω LOAD
73
Ω LOAD
Figure 97. IF DGA IMD2 vs. Frequency for Different Loads
Table 18. Common Output Loads
RS (Ω)
RIN (Ω)
AV (Linear)
AV (dB)
S21 (Linear)
S21 (dB)
ROUT (Ω)
RL (Ω)
255
65
14.7
23.3
6
15.5
102.7
500
255
151
5.7
15.2
4.3
12.6
102.7
150
255
255
3
9.5
3
9.5
102.7
73
255
328
2.1
6.4
2.4
7.5
102.7
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com