Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 36 of 52
Most important, the low-pass interstage filter must attenuate the
sum term (fRF + fLO) and LO feedthrough to prevent unnecessary
overdrive of the DGA. The level of attenuation that is required to
achieve optimal OIP3 performance is shown in Figure 89, where
OIP3 vs. (fRF + fLO) amplitude is plotted. To maintain performance,
attenuate the amplitude of the sum term to at least −16 dBm (see
Figure 89). Beyond this point, the OIP3 degrades decibel per
decibel for increased amplitudes.
30
32
34
36
38
40
42
44
46
–20
–18
–16
–14
–12
–10
–8
–6
–4
AMPLITUDE (dBm)
Figure 89. OIP3 vs. (fRF + fLO) Amplitude
The ADRF6620 is optimized for use in digital predistortion
(DPD) receivers. An example filter design for DPD is shown in
Figure 91. Table 17 lists the interstage filter design targets.
In most DPD systems for cellular transmission, the pass band
is between 50 MHz and 500 MHz. For this reason, the pull-up
inductors have a low frequency cutoff of 50 MHz, and the pass-
band edge of the interstage low-pass filter is 500 MHz. This results
in a band-pass filter profile with a maximally flat pass band from
50 MHz to 500 MHz. The stop-band attenuation at 1400 MHz is
20 dB, which typically provides the necessary attenuation of the
mixer sum term with some margin.
Table 17. Example Filter Design
Parameter
Value
RS
255 Ω
RL
150 Ω
Pass-Band Edge
500 MHz
Attenuation at Pass-Band Edge
0.5 dB
Stop-Band Edge
1400 MHz
Attenuation at Stop-Band Edge
20 dB
Filter Type
Third-order Chebyshev
Using filter equations from a textbook or filter design software,
a third-order Chebyshev filter can be designed to satisfy all the
specifications in Table 17, as shown in Figure 91. The mixer output
capacitance of 1.1 pF can be absorbed into the filter, resulting in a
reduction in C1 from 2 pF to 0.8 pF. In addition, depending on the
PCB board stack-up, C2 can be further reduced, or eliminated,
because the capacitance of the PCB board can be used as the
third pole of the filter. The components used in the simulation
were the Coilcraft 0805CS inductors and Murata GRM15 series
capacitors. Figure 90 shows the filter profile that satisfies all the
filter specifications in Table 17.
–40
–35
–30
–25
–20
–15
–10
–5
0
0
200
400
600
800
1000 1200 1400 1600 1800 2000
FREQUENCY (MHz)
Figure 90. Third-Order Chebyshev Filter Profile
1.1pF
2.5pF
82.5Ω
82.5Ω
90Ω
MXOUT+
RS
RL
MXOUT–
L3
24nH
L4
24nH
0.1µF
0.1µF
+5V
IFIN+
IFIN–
MIXER OUTPUT IMPEDANCE
EQUIVALENT MODEL
THIRD-ORDER CHEBYSHEV
FILTER
DC BLOCKING
CAPS
150Ω
IDEAL IF AMP
INPUT IMPEDANCE
L1
470nH
L2
470nH
C1
0.8pF
C2
1pF
+
+
+
+
Figure 91. Low-Pass Interstage Filter Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com