Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 40 of 52
POWER MODES
The ADRF6620 has many building blocks, and these blocks can
be independently powered off by writing to Register 0x01 (see
Table 23).
External LO Mode
In external LO mode, the internal PLL and VCO are disabled,
which reduces the current consumption by approximately 100 mA.
Table 20 lists the register settings that are required to configure
external LO mode.
Table 20. Serial Port Configuration for External LO Mode
Bit Name
State
Register
LDO_3P3_EN
On
0x01 = 0x8B53
VCO_LDO_EN
On
0x01 = 0x8B53
CP_EN
Off
0x01 = 0x8B53
DIV_EN
Off
0x01 = 0x8B53
VCO_EN
On
0x01 = 0x8B53
REF_BUF_EN
Off
0x01 = 0x8B53
LO_DRV_EN
Off
0x01 = 0x8B53
LO_PATH_EN
On
0x01 = 0x8B53
MIX_EN
On
0x01 = 0x8B53
IF_AMP_EN
On
0x01 = 0x8B53
LO_LDO_EN
On
0x01 = 0x8B53
VCO_SEL
External LO
0x22, Bits[2:0] = 011
IF DGA Disable Mode
In applications where the IF DGA is not used, it can be powered
down. Power-down is achieved by disabling the IF_AMP_EN bit
(Register 0x01, Bit 11 = 0). By disabling the amplifier, the current
consumption of the ADRF6620 decreases by approximately 25 mA,
along with a 35 mA to 50 mA current savings through each bias
inductor at the output of the amplifier. When the IF DGA is
disabled, its input and output impedance is high-Z. For this reason,
the input and output pins can be left open. If the preference is
not to leave the nodes open, the alternative option is to terminate
the pins to ground via a 1 kΩ resistor.
LAYOUT
Careful layout of the ADRF6620 is necessary for optimizing
performance and minimizing stray parasitics. Because the
ADRF6620 supports four RF inputs, the layout of the RF section
is critical in achieving isolation between each channel. Figure 100
shows the recommended layout for the RF inputs. Each RF input,
RFIN0 to RFIN3, is isolated between ground pins, and the best
layout approach is to keep the traces short and direct. To achieve
this layout, connect the pins directly to the center ground pad
of the exposed pad of the ADRF6620. This approach minimizes
the trace inductance and promotes better isolation between the
channels. In additional, for improved isolation, do not route the
RFIN0 to RFIN3 traces in parallel to each other; instead, spread
the traces immediately after each one leaves the pins. Keep the
traces as far away from each other as possible (and at an angle,
if possible) to prevent cross coupling.
The input impedance of the RF inputs is 50 Ω, and the traces
leading to the pin must also have a 50 Ω characteristic impedance.
Terminate unused RF inputs with a dc blocking capacitor to
ground.
RFIN 0
RFIN 1
RFIN 2
RFIN 3
GND
GND
GND
GND
GND
GND
GND
GND
Figure 100. Recommended Layout for the RF Inputs
The IF DGA outputs on the ADRF6620 have two output pins for
each polarity, and they are oriented in an alternating fashion, as
follows: IFOUT1+ (Pin 8), IFOUT1− (Pin 9), IFOUT2+ (Pin 10),
and IFOUT2− (Pin 11). When designing the board, minimize the
parasitic capacitance due to the routing that connects the corre-
sponding outputs together. A good practice is to avoid any ground
or power plane under this routing region and under the chokes
to minimize the parasitic capacitance. Figure 101 shows the
recommended layout. The IF DGA output pins with the same
polarity are tied together on the bottom of the board with the
blue traces and vias.
IFOUT1+
IFOUT1–
IFOUT2+
IFOUT2–
Figure 101. Recommended Layout for the IF DGA Outputs
(Green traces are routings on top of the board,
and blue traces are routings on the bottom of the board.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com