Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 42Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 41 of 52
REGISTER MAP
Table 21. Register Map Summary Table
Reg
Name
Bits
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Reset
RW
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00 SOFT_RESET [15:8]
RESERVED
0x00000 W
[7:0]
RESERVED
SOFT_RESET
0x01 Enables
[15:8] LO_LDO_EN
RESERVED RESERVED
RESERVED IF_AMP_EN
RESERVED MIX_EN
LO_PATH_EN
0x8B7F RW
[7:0] LO_DRV_EN
RESERVED REF_BUF_EN VCO_EN
DIV_EN
CP_EN
VCO_LDO_EN LDO_3P3_EN
0x02 INT_DIV
[15:8]
RESERVED
DIV_MODE
INT_DIV[10:8]
0x0058 RW
[7:0]
INT_DIV[7:0]
0x03 FRAC_DIV
[15:8]
RESERVED
FRAC_DIV[10:8]
0x0250 RW
[7:0]
FRAC_DIV[7:0]
0x04 MOD_DIV
[15:8]
RESERVED
MOD_DIV[10:8]
0x0600 RW
[7:0]
MOD_DIV[7:0]
0x20 CP_CTL
[15:8] RESERVED
RESERVED
CSCALE
RESERVED
0x0C26 RW
[7:0]
RESERVED
BLEED_DIR
BLEED
0x21 PFD_CTL
[15:8]
RESERVED
0x0003 RW
[7:0] RESERVED
REF_MUX_SEL
PFD_POLARITY
REFSEL
0x22 FLO_CTL
[15:8]
RESERVED
LO_DRV_LVL[1] 0x000A RW
[7:0] LO_DRV_LVL[0]
RESERVED
LO_DIV_A
VCO_SEL
0x23 DGA_CTL
[15:8]
RESERVED
RFSW_MUX
RFSW_SEL
RFDSA_SEL[3]
0x0000 RW
[7:0]
RFDSA_SEL[2:0]
IF_ATTN
0x30 BALUN_CTL
[15:8]
RESERVED
0x00000 RW
[7:0]
BAL_COUT
RESERVED
BAL_CIN
RESERVED
0x31 MIXER_CTL
[15:8]
RESERVED
MIXER_BIAS
MIXER_RDAC[3] 0x08EF RW
[7:0]
MIXER_RDAC[2:0]
RESERVED
MIXER_CDAC
0x40 PFD_CTL2
[15:8]
RESERVED
0x0010 RW
[7:0] RESERVED
ABLDLY
CPCTRL
CLKEDGE
0x42 DITH_CTL1
[15:8]
RESERVED
0x000E RW
[7:0]
RESERVED
DITH_EN
DITH_MAG
DITH_VAL
0x43 DITH_CTL2
[15:8]
DITH_VAL[15:8]
0x0001 RW
[7:0]
DITH_VAL[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com