Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 29 of 52
Pin No.
Mnemonic
Description
Basic Connection
are internally biased to 2.5 V and must be ac-coupled.
44, 45
LOIN−, LOIN+
Differential LO inputs
The differential input impedance of these pins is 50 Ω. The pins
are internally biased to 2.5 V and must be ac-coupled.
43
MUXOUT
PLL multiplex output
This output pin provides the PLL reference signal or the PLL lock
detect signal.
47
VTUNE
VCO tuning voltage
This pin is driven by the output of the loop filter; its nominal
input voltage range is 1.5 V to 2.5 V.
RF Inputs
26, 29, 32, 35
RFIN3, RFIN2
RFIN1, RFIN0
RF inputs
The single-ended RF inputs have a 50 Ω input impedance and
are internally biased to 2.5 V. These pins must be ac-coupled.
Terminate unused RF inputs with a dc blocking capacitor to
GND to improve isolation. Refer to the Layout section for the
recommended PCB layout for optimized channel-to-channel
isolation.
38, 39
RFSW0, RFSW1
Pin control of the RF inputs
See Table 10 for the pin settings for RF input pin control. For
logic high, connect these pins to 2.5 V logic.
IF DGA
8, 9, 10, 11
IFOUT1+, IFOUT1−,
IFOUT2+, IFOUT2−
IF DGA outputs
The differential IF DGA outputs have two output pins for each
polarity. They are oriented in alternating fashion: IFOUT1+ (Pin 8),
IFOUT1− (Pin 9), IFOUT2+ (Pin 10), and IFOUT2− (Pin 11).
Connect the positive pins such that IFOUT1+ and IFOUT2+ are
tied together. Similarly, connect the negative pins such that
IFOUT1− and IFOUT2− are tied together. Refer to the Layout
section for a recommended layout that minimizes parasitic
capacitance and optimizes on performance.
The output stage of the IF DAG is an open-collector configuration
that requires a dc bias of 5 V. Use bias choke inductors to
achieve this configuration. Choose the bias choke inductors
such that they can handle a maximum current of 50 mA on
each side. By design, the IF DGA is optimized for linearity when
the source and load are terminated with 150 Ω.
15, 16
IFIN−, IFIN+
IF DGA inputs
AC couple the mixer outputs to the IF DGA inputs. See the
Interstage Filtering Requirements section for the recommended
filter designs.
Mixer Outputs
18, 19
MXOUT+, MXOUT−
Differential mixer outputs
The output stage of the mixer is an open collector configuration
that requires a dc bias of 5 V. Use bias choke inductors to achieve
this configuration. Carefully choose the bias choke inductors
such that they can handle a maximum current of 50 mA on each
side. The differential output impedance of the mixer is 255 Ω.
Serial Port Interface
40
CS
SPI chip select
Active low. 3.3 V logic levels.
41
SCLK
SPI clock
3.3 V tolerant logic levels.
42
SDIO
SPI data input and output
3.3 V tolerant logic levels.
LDO Decoupling
2
DECL1
3.3 V LDO decoupling
Decouple all DECLx pins to ground using 100 pF, 0.1 µF, and 10 µF
capacitors. Place the decoupling capacitors close to the pin.
7
DECL2
2.5 V LDO decoupling
37
DECL3
LO LDO decoupling
46
DECL4
VCO LDO decoupling
GND
4, 5, 17, 20, 23, 25,
27, 28, 30, 31, 33,
34, 36, 48
GND
Ground
Connect these pins to the GND of the PCB.
49 (EPAD)
Exposed pad (EPAD)
The exposed thermal pad is on the bottom of the package.
The exposed pad must be soldered to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com