Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 35 of 52
INTERSTAGE FILTERING REQUIREMENTS
Filtering at the mixer output may be necessary for improved
linearity performance. For applications where the frequency plan
requires low RF frequency inputs and IF outputs, the resulting sum
term at the mixer outputs, fRF + fLO, may fall within the band of
interest. The unwanted sum term may cause the IF DGA to
operate in its nonlinear region because of the unnecessary presence
of additional signal power. As a result, the linearity performance
degrades where OIP3 and OIP2 decrease substantially. For this
reason, a low-pass filter is necessary to attenuate the unwanted
signal while maintaining the integrity of the wanted signal within
the band of interest. In addition, the low-pass filter serves to
suppress the LO feedthrough. Because of the absence of blockers
in a typical DPD receive application, a lower order filter, such as
a third-order Chebyshev, is typically adequate.
The low-pass filter resides between the mixer outputs and the IF
DGA inputs, as shown in Figure 85. The signal flow starts with the
differential outputs of the mixer being dc biased to positive
supply (5 V) via a pair of pull-up inductors, L1 and L2. The
inductor value is determined by the low frequency cutoff of the
signal band of interest. Next, the third-order low-pass filter
attenuates the high frequency sum term. The combination of
the pull-up inductors and the low-pass filter results in a band-
pass filter profile. The outputs of the filter are then ac-coupled
through series capacitors and routed to the on-chip IF DGA via
the IFIN+ and IFIN− pins.
MXOUT+
MXOUT–
IFIN+
IFIN–
IFOUT1–
IFOUT1+
IFOUT2–
IFOUT2+
RF
+5V
L2
L1
L3
L4
C1
C2
0.1µF
0.1µF
LO
18
19
16
15
9
8
11
10
Figure 85. Low-Pass IF Filter
When designing the low-pass filter, it is important to consider
the output impedance of the mixer and the input impedance of
the IF DGA. The output impedance of the mixer has both a real
and reactive component, and its equivalent model is shown in
Figure 86. Correspondingly, Figure 87 shows the impedance vs.
frequency for the mixer output.
MXOUT+
MXOUT–
1.1pF
2.5pF
82.5Ω
90Ω
82.5Ω
+
+
Figure 86. Equivalent Model of the Mixer Output Impedance
0
1
2
3
4
5
6
7
8
9
10
0
100
200
300
400
500
FREQUENCY (MHz)
600
700
800
900
1000
150
170
190
210
230
250
270
290
PARALLEL CAPACITANCE
PARALLEL RESISTANCE
Figure 87. Mixer Output Impedance vs. Frequency
Likewise, Figure 88 shows the impedance vs. frequency for the
IF DGA. The four-port S parameter files for the IF DGA and
mixer are available on analog.com and can serve as a useful tool
to accurately capture the input and output impedance when
designing the interstage filter. As a first-order approximation
at low frequencies, the mixer output has a fixed impedance of
approximately 255 Ω, and the input impedance of the IF DAG is
approximately 150 Ω. Therefore, design the low-pass filter to
have an input impedance of 255 Ω and an output impedance of
150 Ω.
0
50
100
150
200
250
300
350
400
450
500
0
2
4
6
8
10
12
14
16
18
20
0
100
200
300
400
500
600
700
800
900
1000
FREQUENCY (MHz)
OUTPUT CAPACITANCE
INPUT CAPACITANCE
OUTPUT RESISTANCE
INPUT RESISTANCE
PARALLEL CAPACITANCE
PARALLEL RESISTANCE
Figure 88. IF DGA Input/Output Impedance vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com