Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADRF6620ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 4 of 52
SYNTHESIZER/PLL SPECIFICATIONS
VCCx = 5 V, TA = 25°C, fREF = 153.6 MHz, fREF power = 4 dBm, fPFD = 38.4 MHz, and loop filter bandwidth = 120 kHz, unless otherwise noted.
Table 3.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
PLL REFERENCE
PLL Reference Frequency
12
464
MHz
PLL Reference Level
For PLL lock condition
−15
+4
+14
dBm
PFD FREQUENCY
24
58
MHz
INTERNAL VCO RANGE
2800
5700
MHz
OPEN-LOOP VCO PHASE NOISE
VTUNE = 2 V, LO_DIV_A = 00
fVCO2 = 3.4 GHz
1 kHz offset
−39
dBc/Hz
10 kHz offset
−81
dBc/Hz
100 kHz offset
−103
dBc/Hz
800 kHz offset
−123
dBc/Hz
1 MHz offset
−125
dBc/Hz
6 MHz offset
−143
dBc/Hz
10 MHz offset
−147
dBc/Hz
40 MHz offset
−155
dBc/Hz
VCO sensitivity (KV)
88
MHz/V
fVCO1 = 4.6 GHz
1 kHz offset
−39
dBc/Hz
10 kHz offset
−74
dBc/Hz
100 kHz offset
−101
dBc/Hz
800 kHz offset
−123
dBc/Hz
1 MHz offset
−125
dBc/Hz
6 MHz offset
−143
dBc/Hz
10 MHz offset
−147
dBc/Hz
40 MHz offset
−156
dBc/Hz
VCO sensitivity (KV)
89
MHz/V
fVCO0 = 5.5 GHz
1 kHz offset
−39
dBc/Hz
10 kHz offset
−69
dBc/Hz
100 kHz offset
−99
dBc/Hz
800 kHz offset
−121
dBc/Hz
1 MHz offset
−124
dBc/Hz
6 MHz offset
−142
dBc/Hz
10 MHz offset
−146
dBc/Hz
40 MHz offset
−155
dBc/Hz
VCO sensitivity (KV)
72
MHz/V
SYNTHESIZER SPECIFICATIONS
Measured at LO output, LO_DIV_A = 01
fLO = 1.710 GHz, fVCO2 = 3.420 GHz
fREF = 153.6 MHz, fPFD = 38.4 MHz, 120 kHz loop filter
fPFD Spurs
fPFD × 1
−83
dBc
fPFD × 2
−89
dBc
fPFD × 3
−90
dBc
fPFD × 4
−93
dBc
Closed-Loop Phase Noise
1 kHz offset
−97
dBc/Hz
10 kHz offset
−110
dBc/Hz
100 kHz offset
−107
dBc/Hz
800 kHz offset
−128
dBc/Hz
1 MHz offset
−132
dBc/Hz
6 MHz offset
−144
dBc/Hz
10 MHz offset
−152
dBc/Hz
40 MHz offset
−158
dBc/Hz
Integrated Phase Noise
10 kHz to 40 MHz integration bandwidth
0.21
° rms
Figure of Merit (FOM)1
−222
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com