Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 20 of 52
IF DGA
VCCx = 5 V, TA = 25°C, RS = RL = 150 Ω, IF = 200 MHz, 2 V p-p differential output, unless otherwise noted. All losses from input and
output traces and baluns are de-embedded from results.
17
0
1
2
3
4
5
6
7
8
9
10
11
12
13
15
16
14
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
GAIN = 15dB
GAIN = 11dB
GAIN = 7dB
GAIN = 3dB
Figure 54. DGA Gain vs. IF Frequency and Temperature
20
18
16
14
12
10
8
6
4
2
0
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 55. DGA OP1dB vs. Frequency and Temperature; Maximum Gain
80
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
OIP2 (dBm)
OIP3 (dBm)
Figure 56. DGA OIP2/OIP3 vs. IF Frequency and Temperature;
Maximum Gain
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
0.5
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
3
4
5
6
7
8
9
10
11
12
13
14
15
GAIN (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 57. DGA Gain and Gain Step Error vs. Gain Setting and Temperature
20
18
16
14
12
10
8
6
4
2
0
3
4
5
6
7
8
9
10
11
12
13
14
15
GAIN (dB)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 58. DGA OP1dB vs. Gain Setting and Temperature
3
4
5
6
7
8
9
10
11
12
13
14
15
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
GAIN (dB)
TA = –40°C
TA = +25°C
TA = +85°C
OIP2 (dBm)
OIP3 (dBm)
Figure 59. DGA OIP2/OIP3 vs. Gain Setting and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com