Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 15 of 52
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2768
5568
VCO FREQUENCY (MHz)
LO_DIV_A = 01
LO_DIV_A = 11
LO_DIV_A = 10
TA = –40°C
TA = +25°C
TA = +85°C
3168
3568
3968
4368
4768
5168
Figure 26. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency;
LO_DIV_A = 01, 10, and 11, Including Spurs, for Various LO Divider Ratios
–110
–105
–100
–95
–90
–85
–80
–75
–70
2768
3168
3568
3968
4368
4768
5168
5568
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 27. fPFD Spurs vs. VCO Frequency;
1× PFD Offset; Measured at LO Output
–110
–105
–100
–95
–90
–85
–80
–75
–70
2768
3168
3568
3968
4368
4768
5168
5568
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 28. fPFD Spurs vs. VCO Frequency;
3× PFD Offset; Measured at LO Output
2768
5568
3168
3568
3968
4368
4768
5168
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
VCO FREQUENCY (MHz)
LO_DIV_A = 01
LO_DIV_A = 11
LO_DIV_A = 10
TA = –40°C
TA = +25°C
TA = +85°C
Figure 29. 10 kHz to 40 MHz Integrated Phase Noise vs. VCO Frequency;
LO_DIV_A = 01, 10, and 11, Excluding Spurs, for Various LO Divider Ratios
–110
–105
–100
–95
–90
–85
–80
–75
–70
2768
3168
3568
3968
4368
4768
5168
5568
VCO FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 30. fPFD Spurs vs. VCO Frequency;
2× PFD Offset; Measured at LO Output
VCO FREQUENCY (MHz)
2768
3168
3568
3968
4368
4768
5168
5568
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
TA = –40°C
TA = +25°C
TA = +85°C
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 31. fPFD Spurs vs. VCO Frequency;
4× PFD Offset; Measured at LO Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com