Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 33 of 52
0
5
10
15
0
5
10
15
15
20
25
30
35
40
45
M
IX
ER_RDAC
MIXER_CDAC
Figure 80. IIP3 vs. MIXER_RDAC, MIXER_CDAC; MIXER_BIAS = 011
at RF Frequency = 2100 MHz
0
5
10
15
0
10
20
15
20
25
30
35
40
45
M
IX
ER_RDAC
MIXER_CDAC
Figure 81. IIP3 vs. MIXER_RDAC, MIXER_CDAC; MIXER_BIAS = 011
at RF Frequency = 2700 MHz
MIXER_RDAC
MIXER_CDAC
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
15.0
23.5
0
1
2
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
3
4
5
7
8
10
11
13
14
6
9
12
15
2100-0
2100-2
2100-4
2100-6
2100-7
MIXER BIAS
Figure 82. Noise Figure vs. MIXER_RDAC, MIXER_CDAC, and
Various MIXER_BIAS Values at RF Frequency = 2100 MHz
MIXER_RDAC
MIXER_CDAC
0
1
2
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
15
0 7
3
4
5
7
8
10
11
13
14
6
9
12
15
2600-0
2600-2
2600-4
2600-6
2600-7
MIXER BIAS
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
20.5
21.0
21.5
22.0
22.5
23.0
23.5
24.0
24.5
25.0
25.5
26.0
26.5
Figure 83. Noise Figure vs. MIXER_RDAC, MIXER_CDAC, and
Various MIXER_BIAS Values at RF Frequency = 2700 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com