Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 6 of 52
RF INPUT TO MIXER OUTPUT SPECIFICATIONS
VCCx = 5 V, TA = 25°C, high-side LO injection, fIF = 200 MHz, external LO frequency, and RF attenuation = 0 dB, unless otherwise noted.
Mixer settings configured for maximum linearity (see Table 16). All losses from input and output traces and baluns are de-embedded
from results.
Table 4. RF Switch + Balun + RF Attenuator + Mixer
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VOLTAGE GAIN
Differential 255 Ω load
−4
dB
MIXER OUTPUT IMPEDANCE
Differential (see
Figure 87)
255
Ω
DYNAMIC PERFORMANCE AT
fRF= 900 MHz
Voltage Conversion Gain
−2
dB
Input P1dB
17
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
65
dBm
Noise Figure
15
dB
LO to RF Leakage
−70
dBm
RF to LO Leakage
−60
dBc
LO to IF Leakage
−32
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−45
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−52
dBc
DYNAMIC PERFORMANCE AT
fRF =1900 MHz
Voltage Conversion Gain
−3
dB
Input P1dB
17
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
62
dBm
Noise Figure
17
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−50
dBc
LO to IF Leakage
−35
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−43
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−47
dBc
DYNAMIC PERFORMANCE AT
fRF = 2100 MHz
Voltage Conversion Gain
−3.5
dB
Input P1dB
18
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
54.5
dBm
Noise Figure
18
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−40
dBc
LO to IF Leakage
−35
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−40
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−45
dBc
DYNAMIC PERFORMANCE AT
fRF = 2700 MHz
Voltage Conversion Gain
−4.7
dB
Input P1dB
19
dBm
Input IP3
−5 dBm each input tone, 1 MHz tone spacing
40
dBm
Input IP2
−5 dBm each input tone, 1 MHz tone spacing
56
dBm
Noise Figure
21
dB
LO to RF Leakage
−60
dBm
RF to LO Leakage
−45
dBc
LO to IF Leakage
−40
dBm
RF to IF Leakage
With respect to 0 dBm RF input power
−42
dBc
Isolation1
Isolation between RFIN0 and RFIN3
−41
dBc
1 Isolation between RF inputs. An input signal was applied to RFIN0 while RFIN1 to RFIN3 were terminated with 50 Ω. The IF signal amplitude was measured at the mixer
output. The internal switch was then configured for RFIN3, and the feedthrough was measured as a delta from the fundamental.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com