Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 20Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 17 of 52
RF INPUT TO MIXER OUTPUT PERFORMANCE
VCCx = 5 V, TA = 25°C, RL = 250 Ω, external LO, PLO = 0 dBm, RFDSA_SEL = 00 (0 dB), RFSW_SEL = 00 (RFIN0), BAL_CIN and
BAL_COUT optimized, MIXER_BIAS, MIXER_RDAC, and MIXER_CDAC optimized for highest linearity, DGA and LO output disabled,
unless otherwise noted. All losses from input and output traces and baluns are de-embedded from results.
–8
–7
–6
–5
–4
–3
–2
–1
0
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
+85°C
+25°C
–40°C
Figure 37. Mixer Gain vs. RF Frequency
0
2
4
6
8
10
12
14
16
18
20
22
600
1000
1400
1800
2200
2600
3000
RF FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 38. Mixer IP1dB vs. RF Frequency
RF FREQUENCY (MHz)
0
10
20
30
40
50
60
70
80
90
100
600
1000
1400
1800
2200
2600
3000
IIP3 (dBm)
IIP2 (dBm)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 39. Mixer IIP2/IIP3 vs. RF Frequency; PIN = −5 dBm/Tone,
1 MHz Spacing
IF FREQUENCY (MHz)
–8
–7
–6
–5
–4
–3
–2
–1
0
0
100
200
300
400
500
600
700
800
900
1000
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
Figure 40. Mixer Gain vs. IF Frequency; LO Sweep with Fixed RF, IF Roll-Off
IF FREQUENCY (MHz)
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
10
12
14
16
18
20
22
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
Figure 41. Mixer IP1dB vs. IF Frequency; LO Sweep with Fixed RF, IF Roll-Off
0
10
20
30
40
50
60
70
80
90
100
0
100
200
300
400
500
600
700
800
900
1000
IF FREQUENCY (MHz)
RF FREQUENCY = 900MHz
RF FREQUENCY = 1900MHz
RF FREQUENCY = 2100MHz
RF FREQUENCY = 2700MHz
IIP2 (dBm)
IIP3 (dBm)
Figure 42. Mixer IIP2/IIP3 vs. IF Frequency; PIN = −5 dBm/Tone,
1 MHz Spacing, LO Sweep with Fixed RF, IF Roll-Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com