Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 36Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 37Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 38Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 39Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 40Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 37 of 52
Maintaining the same third-order Chebyshev filter design shown
in Figure 91, the component values can be tuned to optimize
performance with some trade-offs. To achieve maximally flat pass-
band response, the trade-off is signal bandwidth (see Figure 92).
The L3 and L4 inductors are replaced with 47 nH, and the
capacitors are not populated. This configuration results in the
flattest pass-band ripple; however, the signal bandwidth starts to
roll off at 300 MHz. A narrower bandwidth translates to more
attenuation of the mixer sum and LO leakage, which is a desirable
effect if the wider signal bandwidth is not a requirement. Use the
results shown in Figure 92 only as a guide, and design the interstage
filter to the specific PCB board conditions. The plots in Figure 92
were measured using the ADRF6620 evaluation board.
4
5
6
7
8
9
10
11
12
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
L3 = L4 = 47nH, C1 = C2 = OPEN
L3 = L4 = 39nH, C1 = C2 = OPEN
L3 = L4 = 24nH, C1 = 0.8pF, C2 = 1pF
Figure 92. Interstage Filter Design Trade-Offs
Because the capacitance of the ADRF6620 evaluation board
closely approximates the C1 and C2 capacitors, they can be
removed from the design. However, this may not be the case
for every PCB design with different stack-ups.
Figure 93 compares the OIP3 and OIP2 performance of the
ADRF6620 with and without filtering at the mixer output.
15
25
35
45
55
65
75
85
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
OIP3 WITH NO FILTER
OIP3 WITH FILTER
OIP2 WITH NO FILTER
OIP2 WITH FILTER
Figure 93. OIP2/OIP3 Performance With and Without Filtering at
the DGA Output; RF Frequency = 900 MHz; High-Side LO Injection, LO Sweep



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com