Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 33Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 34Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 31 of 52
IP3 AND NOISE FIGURE OPTIMIZATION
The ADRF6620 can be configured for either improved perfor-
mance or reduced power consumption. In applications where
performance is critical, the ADRF6620 offers IP3 or noise figure
optimization. However, if power consumption is the priority, the
mixer bias current can be reduced to save on the overall power
at the expense of degraded performance. Whatever the application
specific needs are, the ADRF6620 offers configurability that
balances performance and power consumption.
Adjustments to the mixer bias setting have the most impact on
performance and power. For this reason, mixer bias should be
the first adjustment. The active mixer core of the ADRF6620 is a
linearized transconductor. With increased bias current, the
transconductor becomes more linear, resulting in higher IP3.
The improved IP3, however, is at the expense of degraded noise
figure and increased power consumption (see Figure 75). For a
1-bit change of the mixer bias (MIXER_BIAS, Register 0x31,
Bits[11:9]), the current increases by 7.71 mA.
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
0
1
2
3
4
5
6
7
MIXER BIAS
900MHz
1900MHz
2100MHz
2600MHz
RF FREQ:
Δ1
Δ7.71 mA
Figure 75. Change in Current Consumption vs. MIXER_BIAS
Inevitably, there is a limit on how much the bias current can
increase before the improvement in linearity no longer justifies the
increase in power and noise. The mixer core reaches a saturation
point where further increases in bias current do not translate to
improved performance. When that point is reached, it is best to
decrease the bias current to a level where the desired performance
is achieved. Depending on the system specifications of the cus-
tomer, a balance between linearity, noise figure, and power can
be attained.
In addition to bias optimization, the ADRF6620 also has
configurable distortion cancellation circuitry. The linearized
transconductor input of the ADRF6620 is made up of a main path
and a secondary path. Through adjustments of the amplitude and
phase of the secondary path, the distortion generated by the main
path can be canceled, resulting in improved IPd3 performance.
The amplitude and phase adjustments are located in the following
serial interface bits: MIXER_RDAC (Register 0x31, Bits[8:5])
and MIXER_CDAC (Register 0x31, Bits[4:0]).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com