Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 13 of 52
PHASE-LOCKED LOOP (PLL)
VCCx = 5 V, TA = 25°C, 120 kHz loop filter, fREF = 153.6 MHz, PLL reference amplitude = 4 dBm, fPFD = 38.4 MHz, measured at LO
output, unless otherwise noted.
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 14. VCO2 Open-Loop VCO Phase Noise vs. Offset Frequency;
fVCO2 = 3.4 GHz, LO_DIV_A = 00, VTUNE = 2 V
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 15. VCO1 Open-Loop Phase Noise vs. Offset Frequency;
fVCO1 = 4.6 GHz, LO_DIV_A = 00, VTUNE = 2 V
–160
–150
–140
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
Figure 16. VCO0 Open-Loop Phase Noise vs. Offset Frequency;
fVCO0 = 5.5 GHz, LO_DIV_A = 00, VTUNE = 2 V
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
LO_DIV_A = 00
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 17. VCO2 Closed-Loop Phase Noise for Various LO_DIV_A Dividers vs.
Offset Frequency; fVCO2 = 3.4 GHz
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
LO_DIV_A = 00
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 18. VCO1 Closed-Loop Phase Noise for Various LO_DIV_A Dividers vs.
Offset Frequency; fVCO1 = 4.6 GHz
1k
10k
100k
1M
10M
100M
OFFSET FREQUENCY (Hz)
–160
–155
–150
–145
–140
–135
–130
–125
–120
–115
–110
–105
–100
–95
–90
–85
–80
–75
–70
–65
–60
LO_DIV_A = 00
LO_DIV_A = 01
LO_DIV_A = 10
LO_DIV_A = 11
Figure 19. VCO0 Closed-Loop Phase Noise for Various LO_DIV_A Dividers vs.
Offset Frequency; fVCO0 = 5.532 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com