Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
ADRF6620
Data Sheet
Rev. 0 | Page 28 of 52
BASIC CONNECTIONS
IFOUT1+
IFOUT1–
IFOUT2+
IFOUT2–
GND
SPI
INTERFACE
ADRF6620
REFIN
MUXOUT
CSB
EXPOSED
PADDLE
+5V
+5V
470nH
(0603)
470nH
(0603)
39nH
(0402)
39nH
(0402)
0.1µF
(0402)
1µH
1µH
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
2.7nF
(0603)
6.8pF
(0402)
22pF
(0402)
22pF
(0402)
100pF
(0402)
0Ω
(0402)
0Ω
(0402)
3kΩ
(0402)
49.9Ω
(0402)
0Ω
(0402)
4
3
1
6
TC1-1-43A+
LOOUT
100pF
(0402)
LOOUT+
LOOUT–
100pF
(0402)
4
3
1
6
TC1-1-43A+
LOIN
4
3
2
1
6
LOIN
VTUNE_T P
OPEN
100pF
(0402)
LOIN+
LOIN–
VTUNE
CP
100pF
(0402)
100pF
(0402)
OPEN
(0402)
REF_IN
RFIN3
100pF
(0402)
RFIN3
RFIN1
100pF
(0402)
RFIN1
RFIN2
100pF
(0402)
RFIN2
RFIN0
100pF
(0402)
RFIN0
MUXOUT
10kΩ
(0402)
10kΩ
(0402)
42 41 40
4
5
17 20 23 25 27 28 30 31 33 34 36 48
18 19 15 16
9
8
11
10
21
22
45
44
47
3
14
13
12
46
37
7
2
1
24
10kΩ
(0402)
10kΩ
(0402)
6
26
32
29
35
38
39
43
RFSW0
S1
RFSW1
3.3V
S2
3.3V
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
100pF
(0402)
0.1µF
(0402)
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
10µF
(0603)
0.1µF
(0402)
100pF
(0402)
100pF
(0402)
0.1µF
(0402)
10µF
(0603)
100pF
(0402)
0.1µF
(0402)
10µF
(0603)
+5V
RED
LDO
VCO
LDO
LO
LDO
2.5V
LDO
3.3V
LOCK_DET
VPTAT
CHARGE
PUMP
CP
÷8
÷4
÷2
×1
×2
+
PFD
LOIN–
VTUNE
LOIN+
÷1, ÷2,
÷4, ÷8
÷2
N = INT +
FRAC
MOD
DNP
DNP
TCM3-1T+
SCLK
SDIO
DNP
DNP
Figure 70. Basic Connection Diagram
Table 14. Basic Connections
Pin No.
Mnemonic
Description
Basic Connection
5 V Power
1
VCC1
LO, VCO, mixer power supply
Decouple all power supply pins to ground using 100 pF and 0.1 µF
capacitors. Place the decoupling capacitors close to the pins.
12
VCC2
IF DGA power supply
13
VCC3
Factory calibration pin
14
VCC4
Factory calibration pin
24
VCC5
RF front-end power supply
PLL/VCO
3
CP
Synthesizer charge pump
output
Connect this pin to the VTUNE pin through the loop filter.
6
REFIN
Synthesizer reference
frequency input
The nominal input level of this pin is 1 V p-p. The input range is
12 MHz to 464 MHz. This pin is internally biased and must be ac-
coupled and terminated externally with a 50 Ω resistor. Place
the ac coupling capacitor between the pin and the resistor.
When driven from an 50 Ω RF signal generator, the recommended
input level is 4 dBm.
21, 22
LOOUT+, LOOUT−
Differential LO outputs
The differential output impedance of these pins is 50 Ω. The pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com