Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6620ACPZ-R7 Datasheet HTML 1Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
700 MHz to 2700 MHz Rx Mixer with Integrated
IF DGA, Fractional-N PLL, and VCO
Data Sheet
ADRF6620
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Integrated fractional-N phase-locked loop (PLL)
RF input frequency range: 700 MHz to 2700 MHz
Internal local oscillator (LO) frequency range: 350 MHz to
2850 MHz
Input P1dB: 17 dBm
Output IP3: 45 dBm
Single-pole four-throw (SP4T) RF input switch
Digital step attenuator (DSA) range: 0 dB to 15 dB
Integrated RF tunable balun allowing single-ended 50 Ω input
Multicore integrated voltage controlled oscillator (VCO)
Digitally programmable variable gain amplifier (DGA)
−3 dB bandwidth: >600 MHz
Balanced 150 Ω IF output impedance
Programmable via 3-wire serial port interface (SPI)
Single 5 V supply
APPLICATIONS
Wireless receivers
Digital predistortion (DPD) receivers
FUNCTIONAL BLOCK DIAGRAM
LOCK_DET
VPTAT
LOIN–
VTUNE
LOIN+
÷1, ÷2,
÷4, ÷8
CHARGE
PUMP
CP
N = INT +
REFIN
MUXOUT
RFIN0
IFOUT1–
LOIN+
LOIN–
VTUNE
CP
SERIAL
PORT
INTERFACE
LDO
VCO
LDO
3.3V
IFOUT1+
IFOUT2–
IFOUT2+
LDO
2.5 V
RFIN1
RFIN2
RFIN3
÷2
÷8
÷4
÷2
×1
×2
+
PFD
FRAC
MOD
Figure 1.
GENERAL DESCRIPTION
The ADRF6620 is a highly integrated active mixer and synthesizer
that is ideally suited for wireless receiver subsystems. The feature
rich device consists of a high linearity broadband active mixer;
an integrated fractional-N PLL; low phase noise, multicore VCO;
and IF DGA. In addition, the ADRF6620 integrates a 4:1 RF
switch, an on-chip tunable RF balun, programmable RF attenuator,
and low dropout (LDO) regulators. This highly integrated device
fits within a small 7 mm × 7 mm footprint.
The high isolation 4:1 RF switch and on-chip tunable RF balun
enable the ADRF6620 to support four single-ended 50 Ω
terminated RF inputs. A programmable attenuator ensures
optimal RF input drive to the high linearity mixer core. The
integrated DSA has an attenuation range of 0 dB to 15 dB with
a step size of 1 dB.
The ADRF6620 offers two alternatives for generating the dif-
ferential LO input signal: externally, via a high frequency, low
phase noise LO signal, or internally, via the on-chip fractional-N
PLL synthesizer. The integrated synthesizer enables continuous
LO coverage from 350 MHz to 2850 MHz. The PLL reference
input can support a wide frequency range because the divide and
multiply blocks can be used to increase or decrease the reference
frequency to the desired value before it is passed to the phase
frequency detector (PFD).
The integrated high linearity DGA provides an additional gain
range from 3 dB to 15 dB in steps of 0.5 dB for maximum flexibility
in driving an analog-to-digital converter (ADC).
The ADRF6620 is fabricated using an advanced silicon-germanium
BiCMOS process. It is available in a 48-lead, RoHS-compliant,
7 mm × 7 mm LFCSP package with an exposed pad. Performance
is specified over the −40°C to +85°C temperature range.


Similar Part No. - ADRF6620ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6601-EVALZ AD-ADRF6601-EVALZ Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601ACPZ-R7 AD-ADRF6601ACPZ-R7 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6620ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6604 AD-ADRF6604 Datasheet
834Kb / 32P
1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
1/14-Rev. A to Rev. B
ADRF6612 AD-ADRF6612 Datasheet
2Mb / 57P
700 MHz to 3000 MHz Dual Passive Receive Mixer with Integrated PLL and VCO
5/2016-Rev. 0 to Rev. A
ADRF6614 AD-ADRF6614 Datasheet
2Mb / 61P
700 MHz to 3000 MHz, Dual Passive Receive Mixer with Integrated PLL and VCO
3/16-Revision 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com