Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADRF6620ACPZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADRF6620ACPZ-R7
Description  700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6620ACPZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADRF6620ACPZ-R7 Datasheet HTML 43Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 44Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 45Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 46Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 47Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 48Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 49Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 50Page - Analog Devices ADRF6620ACPZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
Data Sheet
ADRF6620
Rev. 0 | Page 47 of 52
REGISTER 0x23, RESET: 0x0000, NAME: DGA_CTL
Table 30. Bit Descriptions for DGA_CTL
Bits
Bit Name
Settings
Description
Reset
Access
11
RFSW_MUX
Set switch control.
0x0
RW
0
Serial CNTRL
1
Pin CNTRL
[10:9]
RFSW_SEL
Set RF input.
0x0
RW
00
RFIN0
01
RFIN1
10
RFIN2
11
RFIN3
[8:5]
RFDSA_SEL
Set RFDSA attenuation. Range: 0 dB to 15 dB in steps of 1 dB.
0x0
RW
0000
0 dB
0001
1 dB
...
1110
14 dB
1111
15 dB
[4:0]
IF_ATTN
IF Attenuation. Range: 3 dB to 15 dB in steps of 0.5 dB.
0x0
RW
00000
3 dB
00001
3.5 dB
...
10111
14.5 dB
11000
15 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com