Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 8 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 4Page - STMicroelectronics UM0932 Datasheet HTML 5Page - STMicroelectronics UM0932 Datasheet HTML 6Page - STMicroelectronics UM0932 Datasheet HTML 7Page - STMicroelectronics UM0932 Datasheet HTML 8Page - STMicroelectronics UM0932 Datasheet HTML 9Page - STMicroelectronics UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
Functional overview
UM0932
8/43
DocID17385 Rev 3
2
Functional overview
The ST7580 device provides to the external host a complete physical layer (PHY) and some
data link layer (DL) services for power line communication. It is mainly developed for smart
metering applications in CENELEC A band, but suitable also for other control applications
and remote load management in CENELEC B band.
A UART host interface is available for communication with an external host, exporting all the
functions and services required to configure and control the device and its protocol stack.
2.1
Protocol stack
Below is a list of the protocol layers and functions embedded in the ST7580:
Physical (PHY) layer: hosted in the PHY processor, implements two different
modulation schemes for communication through power line: a B-FSK modulation up to
9.6 kbps and a multi-mode PSK modulation with channel quality estimation, dual
channel receiving mode and convolutional coding, delivering a throughput up to
28.8 kbps.
Data link (DL) layer: the embedded DL layer hosted in the protocol controller offers
framing and error correction services. A further security service (SS) based on 128-bit
AES algorithm is also available for crypting / decrypting frames.
Management information base (MIB): an information database with the data required
for proper configuration of the system.
Host interface: all of the services of the PHY, DL and MIB are exported to an external
host through the local UART port.
Figure 1. Functional overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com