Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 20 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
Host interface
UM0932
20/43
DocID17385 Rev 3
Confirm commands
Confirm commands are sent by the ST7580 to the external host after a previous request
command, if the request itself has been correctly executed.
Table 11 lists confirm command codes: their syntax and data fields are explained in the next
paragraphs.
Error commands
Error commands are sent by the ST7580 to the external host after a previous request
command, if it has not been executed or if an error has occurred while it was executing.
The data field of the correspondent local frames presents a same syntax for all error
command codes, with the exception of CMD_SyntaxError (Section 3.3.23). It is composed
of 1 byte and it is coded in accordance with the values listed in Table 14.
Table 11. Confirm command codes
Group
Confirm command
Code
Reset
BIO_ResetConfirm (Section 3.3.2)3Dh
MIB
MIB_WriteConfirm (Section 3.3.5)09h
MIB_ReadConfirm (Section 3.3.7)0Dh
MIB_EraseConfirm (Section 3.3.9)11h
Ping
PingConfirm (Section 3.3.11)2Dh
Data
PHY_DataConfirm (Section 3.3.13)25h
DL_DataConfirm (Section 3.3.16)51h
SS_DataConfirm (Section 3.3.20)55h
Table 12. Error command codes
Group
Error command
Code
Reset
BIO_ResetError
3Fh
MIB
MIB_WriteError
0Bh
MIB_ReadError
0Fh
MIB_EraseError
13h
Data
PHY_DataError
27h
DL_DataError
53h
SS_DataError
57h
Syntax error
CMD_SyntaxError
36h
Table 13. Error commands: syntax
Source
Command (Args)
Possible response
ST7580
CommandError (ErrorData)
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com