Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 34 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Management information base (MIB)
UM0932
34/43
DocID17385 Rev 3
4
Management information base (MIB)
The management information base collects all the parameters that allow the host to set and
control the modem operation.
As explained in Section 3, the MIB objects can be directly accessed to update and read their
values through dedicated commands (Section 3.3.4, 3.3.63.3.6, and 3.3.8).
4.1
MIB table
Table 52 lists all the available MIB objects, with the related indexes, the default values and
the allowed operation (read write).
Table 52. Management information base (MIB) objects
Index
Name
Factory default value
Length [byte] R/W/E
00h
Modem configuration
11h
1
R/W
01h
PHY configuration
014FF00119400E15000002359B58h
14
R/W
02h
SS key
00000000000000000000000000000000h
16
R/W
03h
Reserved
00h
1
R
04h
Last data indication
00000000h
4
R
05h
Last TX confirm
0000000000h
5
R
06h
PHY_Data
00000000000000000000h
10
R/E
07h
DL_Data
0000000000000000h
8
R/E
08h
SS_Data
00000000000000000000h
10
R/E
09h
Host interface timeout
C8280Ah
3
R/W
0Ah
Firmware version
00420097h
4
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com