Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 11 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 7Page - STMicroelectronics UM0932 Datasheet HTML 8Page - STMicroelectronics UM0932 Datasheet HTML 9Page - STMicroelectronics UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
DocID17385 Rev 3
11/43
UM0932
Functional overview
43
2.3
Power line data transmission
In order to manage data transmission to the power line, three different dedicated services
are available to the external host.
1.
PHY_Data transmission, with frames structured as in Figure 2, requiring the payload as
the only external parameter and building automatically the length field.
2.
DL_Data transmission, with frames structured as in Figure 3, requiring the payload as
the only external parameter and building automatically the length and CRC fields.
3.
SS_Data transmission, with frames structured as in Figure 4, requiring the payload and
header length (greater than 3) as external parameters, building automatically the
length, CRC and HL field, deciding an arbitrary initialization vector and encrypting the
payload.
The external host is allowed to access the ST7580 device and choose which among the
three frame structures are utilized for transmitting data over the power line by selecting the
corresponding available service.
2.4
Power line data reception
In order to manage data reception from the power line, the ST7580 can be configured to be
able to receive in accordance with only one frame structure.
The external host is allowed to set, through a dedicated MIB object (modem configuration,
00h Section 4.2.1), the only frame structure the ST7580 is able to receive.
The ST7580 embeds three corresponding available services:
1.
PHY_Data indication: generated as soon as a frame in compliance with PHY frame
structure (Figure 2) has been received, it exports the PHY payload field
2.
DL_Data indication: generated as soon as a frame in compliance with DL frame
structure (Figure 3) has been received, it exports the DL payload field
3.
SS_Data indication: generated as soon as a frame in compliance with SS frame
structure (Figure 4) has been received, it exports the SS payload field.
A further feature of ST7580 configuration is the Sniffer flag. It can be activated by the
external host through a dedicated MIB object (modem configuration, 00h Section 4.2.1) and
it makes two further services available:
1.
DL_Sniffer indication: generated as soon as a frame in compliance with DL frame
structure (Figure 3) with a wrong CRC has been received, it exports both DL payload
and wrong CRC fields.
2.
SS_Sniffer indication: generated as soon as a frame in compliance with SS frame
structure (Figure 4) that couldn't be correctly decrypted or authenticated has been
received, it exports the whole SS_SDU field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com