Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 21 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID17385 Rev 3
21/43
UM0932
Host interface
43
Indication commands
Indication commands are sent by the ST7580 to the external host. They notify a reset event
or a power line data reception. Table 15 lists all the indication commands: their syntax and
data fields are explained in the next paragraphs.
3.3.1
BIO_ResetRequest (3Ch)
This command is used by the external host to force software reset in the ST7580.
3.3.2
BIO_ResetConfirm (3Dh)
This command is sent by the ST7580 after the correct reception of a BIO_ResetRequest
(Section 3.3.1) command.
The ConfirmData field is always composed of 1 byte equal to 00h.
Table 14. Error commands: ErrorData
Error cause
Value
Description
Wrong parameter length (WPL)
02h
Data field length in the previous request was wrong
Wrong parameter value (WPV)
03h
At least one of the parameters values in the previous
request was invalid.
Busy
04h
System busy, operation couldn’t be performed.
Thermal error
0Bh
Device internal temperature within threshold 4
[Section 5], ST7580 refused to transmit.
General error
FFh
Generic error code.
Table 15. Indication command codes
Group
Command
Code
Reset
BIO_ResetIndication (Section 3.3.3)3Eh
Data
PHY_DataIndication (Section 3.3.14)
26h
DL_DataIndication (Section 3.3.17)
52h
DL_SnifferIndication (Section 3.3.18)5Ah
SS_DataIndication (Section 3.3.21)
56h
SS_SnifferIndication (Section 3.3.22)5Eh
Table 16. BIO_ResetRequest: syntax
Source
Command(Args)
Possible response
Ext. host
CMD_ResetRequest()
BIO_ResetConfirm
Table 17. BIO_ResetConfirm: syntax
Source
Command(Args)
Possible response
ST7580
BIO_ResetConfirm(ConfirmData)
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com