Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 25 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
DocID17385 Rev 3
25/43
UM0932
Host interface
43
3.3.10
PingRequest (2Ch)
This command is sent by external host to test the robustness of the local port link with the
ST7580.
If accepted, the ST7580 answers with a PingConfirm command (Section 3.3.11).
3.3.11
PingConfirm (2Dh)
This command is sent by the ST7580 to notify the reception of a PingRequest. The payload
field of the local frame presents the same data received in the previous PingRequest.
3.3.12
PHY_DataRequest (24h)
This command is sent by the external host to request data transmission and it exports the
PHY_Data transmission service (Section 2.3).
If accepted, the ST7580 constructs a PHY frame (Figure 2) that is transmitted over the
power line in accordance with the details expressed in RequestData field (Table 35).
A positive PHY_DataConfirm (Section 3.3.13) is generated at the end of the
transmission.
If refused, the modem generates a PHY_DataError (Table 12).
Table 30. PingRequest: Syntax
Source
Command(Args)
Possible response
External Host PingRequest(RequestData)
Request accepted: PingConfirm (ConfirmData)
Table 31. PingRequest: RequestData
Byte index
Label
Description
0 - n
DATA
Payload with variable length
Table 32. PingConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
PingConfirm(ConfirmData)
--
Table 33. PingConfirm: ConfirmData
Byte index
Label
Description
0 - n
DATA
Payload with the values received in the previous PingRequest
(Section 3.3.10)
Table 34. PHY_DataRequest: Syntax
Source
Command(Args)
Possible response
External host
PHY_DataRequest(
RequestData)
Request accepted: PHY_DataConfirm (ConfirmData)
Request rejected: PHY_DataError (ErrorData)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com