Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 24 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 43 page
background image
Host interface
UM0932
24/43
DocID17385 Rev 3
3.3.7
MIB_ReadConfirm (0Dh)
This command is sent by the ST7580 to acknowledge an MIB_ReadRequest (see
Section 3.3.6) if the request has been accepted and executed without errors.
3.3.8
MIB_EraseRequest (10h)
This command is used by the external host to erase the value of an MIB object and set it to
0. This command is valid for erasable MIB objects only (Table 52).
The ST7580 checks the parameters for validation:
If the check is valid, the object is updated to a value equal to 0 in the database and the
ST7580 replies with an MIB_EraseConfirm (Section 3.3.9).
If the check is not valid, the request is rejected and the ST7580 replies with an
MIB_EraseError (Table 12).
3.3.9
MIB_EraseConfirm (11h)
This command is sent by the ST7580 to acknowledge an MIB_EraseRequest (see
Section 3.3.8) if the request has been accepted and executed without errors.
Table 25. MIB_ReadConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
MIB_ReadConfirm(ConfirmData)
None
Table 26. MIB_ReadConfirm: ConfirmData
Byte index
Label
Description
1
 nDATA
Current value of the MIB object with INDEX expressed in the previous
MIB_ReadRequest command (Section 3.3.6).
Table 27. MIB_EraseRequest: Syntax
Source
Command(Args)
Possible response
Ext. host
MIB_EraseRequest(RequestData)
Request accepted: MIB_EraseConfirm
Request rejected: MIB_EraseError (ErrorData)
Table 28. MIB_WriteRequest: RequestData
Byte index
Label
Description
0
INDEX
MIB database entry index. Refer to the MIB table (
Table 52) for available
objects.
Table 29. MIB_EraseConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
MIB_EraseConfirm ()
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com