Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 37 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics UM0932 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
DocID17385 Rev 3
37/43
UM0932
Management information base (MIB)
43
4.2.3
02h (SS Key)
This object holds the key used by the SS sub-system to encrypt and decrypt transmitted and
received data. It can be read or written.
4.2.4
04h (Last data indication)
This object stores information about the last indication message received (among
PHY_DataIndication Section 3.3.14, DL_DataIndication Section 3.3.17, SS_DataIndication
Section 3.3.21, DL_SnifferIndication Section 3.3.17, SS_SnifferIndication Section 3.3.22).
Its field values are equal to those notified by the last indication message and presented in
the four first bytes (0 3) of the IndicationData (Table 39, 48). It can be read only.
11
0 - 1
FSK bit rate
Bit rate for FSK communication.
0: 1200 bps
1: 2400 bps
2: 4800 bps
3: 9600 bps
1 (2400 bps)
2
FSK deviation
Deviation for FSK communication.
0: 0.5
1: 1
1
3 – 4
FSK preamble
length
Preamble length for FSK communication.
0: 16 bit
1: 24 bit
2: 32 bit
3: 40 bit
2 (32 bit)
5
FSK unique
word length
Unique word length for FSK communication.
0: 8 bit
1: 16 bit
1 (16 bit)
6
Reserved
Reserved bit
0
7 – 8
Unused
Unused bits
0
12
FSK unique
word MSByte
FSK modulation unique word MSB (used if unique
word length is 16 bits only)
9Bh
13
FSK unique
word LSByte
FSK modulation unique word LSB
58h
Table 54. MIB object 01h: MIB_WriteRequest and MIB_ReadRequest data format (continued)
Byte
index
Bit
index
Label
Description and available values
Factory default value
Table 55. MIB object 02h: MIB_WriteRequest and MIB_ReadRequest Data format
Byte
index
Label
Description and available values
Factory default value
0
 15 SS Key
128-bit AES key used to process transmitted and
received frames.
00000000000000000000000000000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com