Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
DocID17385 Rev 3
27/43
UM0932
Host interface
43
3.3.13
PHY_DataConfirm (25h)
This command is sent by the ST7580 to provide a positive confirmation to
a PHY_DataRequest (see Section 3.3.12) previously requested by the external host.
Table 36. PHY_DataConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
PHY_DataConfirm (ConfirmData)
None
Table 37. PHY_DataConfirm: ConfirmData
Byte index Bit index
Label
Description
0
0 – 1
Max. temp.
Max temperature reached during PHY frame transmission.
0: T < 70 °C (typical)
1: 70 °C < T < 100 °C (typical)
2: 100 °C < T < 125 °C (typical)
3: T > 125 °C (typical)
2 – 6
Max. gain
If current control feature (MIB object PHY config 01h, Section 4.2.2) is
active, max. gain used during last transmission. If current control feature is
not active, gain used during last transmission.
7
Unused
1
0 – 1
Min. temp
Min. temperature reached during PHY frame transmission.
0: T < 70 °C (typical)
1: 70 °C < T < 100 °C (typical)
2: 100 °C < T < 125 °C (typical)
3: T > 125 °C (typical)
2 – 6
Min. gain
If current control feature (MIB object PHY Config 01h, Section 4.2.2) is
active, min. gain used during last transmission. if current control feature is
not active, gain used during last transmission.
7
Unused
2
0 – 6
Overcurrent
events
number
Number of overcurrent events reached during PHY frame transmission.
Valid if the current control feature is active only.
7
Overcurrent
notification
Notification about the overcurrent reached during last transmission. Valid
whether the current control is active or not.
0: max. output current [·] value not reached
1: max. output current [·] value reached
3 - 4
ZC delay
Delay between the last transmitted UW last bit and the mains zero-
crossing (signed value), expressed in 13 µs step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com