Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 9Page - STMicroelectronics UM0932 Datasheet HTML 10Page - STMicroelectronics UM0932 Datasheet HTML 11Page - STMicroelectronics UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
DocID17385 Rev 3
13/43
UM0932
Host interface
43
3
Host interface
The host interface is a communication port used by the external host to exchange data with
the ST7580 device.
The host interface consists of a local port (a standard UART), a communication protocol and
a set of commands exchanged between ST7580 and the external host. It manages the
communication and arbitration on the local port, and provides access to ST7580 internal
services.
3.1
UART
The local communication is a half duplex asynchronous serial link (UART) using a receiving
input (RXD), a transmitting output (TXD) and a T_REQ signal to manage the
communication.
The connection diagram of the ST7580 using UART as host interface port is shown in
Figure 5.
Figure 6. ST7580 and external host: UART connections
The communication baud rate is selected after the ST7580 reset, in accordance with the
status of local input ports BR0, BR1 listed in Table 5:
Table 5. UART baud rate
BR1
BR0
Baudrate (b/s)
0
0
9600
0
1
19200
1
0
38400
1
1
57600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com