Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 32 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics UM0932 Datasheet HTML 34Page - STMicroelectronics UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Host interface
UM0932
32/43
DocID17385 Rev 3
3.3.20
SS_DataConfirm (55h)
This command is sent by the ST7580 to provide a positive confirmation to
a SS_DataRequest (Section 3.3.15) previously requested by the external host.
The ConfirmData field has the same format as for PHY_DataConfirm (see Table 37).
3.3.21
SS_DataIndication (56h)
This command is sent by the ST7580 after a reception of a power line frame in compliance
with SS frame specification (Figure 4, i.e. with a CRC correct field and encrypted according
to SS_Key MIB object, Section 4.2.3) and it exports the SS_Data indication service
(Section 2.4). The command notification occurs if the modem is set for receiving SS frames
at MIB object Modem Config 00h (Section 4.2.1), as in the diagram flow in Figure 5.
Table 46. SS_DataConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
SS_DataConfirm (ConfirmData)
None
Table 47. SS_DataIndication: Syntax
Source
Command(Args)
Possible response
ST7580
SS_DataIndication (IndicationData)
None
Table 48. SS_DataIndication: IndicationData
Byte
index
Bit
index
Label
Description and available values
0
0 – 2
Frame
modulation
Frame modulation on the last DataIndication received
0: B-PSK
1: Q-PSK
2: 8-PSK
3: B-FSK
4: B-PSK coded
5: Q-PSK coded
6: Reserved
7: B-PSK coded with Peak Noise Avoidance
3
RX channel
RX channel on the last DataIndication received
0: low channel
1: high channel
4 – 7
PGA value
PGA value on the last DataIndication received
1SNR
SNR estimated over the Unique Word reception (signed value, valid for PSK
received frames only, equal to 255 – no meaning – for FSK received frames)
2 – 3
ZC delay
Delay between the received UW last bit and the mains zero-crossing (signed
value), expressed in 13 µs step
4 - 229
SS header
and payload
Received header and payload (up to 226 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com