Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 16 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 12Page - STMicroelectronics UM0932 Datasheet HTML 13Page - STMicroelectronics UM0932 Datasheet HTML 14Page - STMicroelectronics UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Host interface
UM0932
16/43
DocID17385 Rev 3
Table 7 lists their fixed codes.
3.2.4
Status message
The status message is a frame sent by the ST7580 to the host controller when the T_REQ
signal is pulled down.
It is composed of 2 bytes filled in accordance with ST7580 status and configuration. The first
byte (byte index 0) is always the character “?” (ASCII code 3Fh). Other bytes are set as in
Table 8:
Table 7. ACK and NAK messages codes
Symbol
Definition
Code
ACK
Acknowledgement
06h
NAK
Not acknowledgement
15h
Table 8. Status message composition
Byte
index
Bit
index
Description
Available values
0
Status message first byte 3Fh
1
0
Configuration status
0: autoreconfiguration correctly occurred
1: autoreconfiguration occurred with errors or at least one
among MIB objects 00h (Modem Config), 01h (PHY
Config), 02h (SS Key) hasn’t changed its default value
after boot
1
Transmission status
0: the ST7580 is not transmitting a power line frame
1: the ST7580 is transmitting a power line frame
2
Reception status
0: the ST7580 is not receiving a power line frame
1: the ST7580 is receiving a power line frame
3-4
Active layer
0: PHY layer
1: DL layer
2: SS layer
3: ST7580 not configured
5
Overcurrent flag
0: no overcurrent event on last transmission
1: last transmission generated at least one overcurrent
event
6-7
Estimated ST7580
temperature
0: T < 70 °C (typical)
1: 70 °C < T <100 °C (typical)
2: 100 °C < T < 125 °C (typical)
3: T > 125 °C (typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com