Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 39 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 35Page - STMicroelectronics UM0932 Datasheet HTML 36Page - STMicroelectronics UM0932 Datasheet HTML 37Page - STMicroelectronics UM0932 Datasheet HTML 38Page - STMicroelectronics UM0932 Datasheet HTML 39Page - STMicroelectronics UM0932 Datasheet HTML 40Page - STMicroelectronics UM0932 Datasheet HTML 41Page - STMicroelectronics UM0932 Datasheet HTML 42Page - STMicroelectronics UM0932 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
DocID17385 Rev 3
39/43
UM0932
Management information base (MIB)
43
Table 57. MIB object 05h: MIB_WriteRequest and MIB_ReadRequest data format
Byte
index
Bit
index
Label
Description
Factory
default value
0
0 – 1
Max. temp.
Max. temperature reached during PHY frame transmission.
0: T < 70 °C (typical)
1: 70 °C < T < 100 °C (typical)
2: 100 °C < T < 125 °C (typical)
3: T > 125 °C (typical)
0
2 – 6
Max. gain
If current control feature (MIB object PHY Config 01h, Table 54)
is active, max. gain used during the last transmission. If current
control feature is not active, gain used during last transmission.
0
7
Unused
0
1
0 – 1
Min. temp
Min. temperature reached during PHY frame transmission.
0: T < 70 °C (typical)
1: 70 °C < T < 100 °C (typical)
2: 100 °C < T < 125 °C (typical)
3: T > 125 °C (typical)
0
2 – 6
Min. gain
If current control feature (MIB object PHY Config 01h, Table 54)
is active, min. gain used during last transmission. If current
control feature is not active, gain used during last transmission.
0
7
Unused
0
2
0 – 6
Overcurrent
events number
Number of overcurrent events reached during PHY frame
transmission. Valid if the current control feature is active only.
0
7
Overcurrent
notification
Notification about the overcurrent reached during last
transmission. Valid whether the current control is active or not.
0: max. output current [·] value not reached
1: max. output current [·] value reached
0
3 - 4
ZC Delay
Delay between the last transmitted UW last bit and the mains
zero-crossing (signed value), expressed in 13 µs step
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com