Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 19 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 15Page - STMicroelectronics UM0932 Datasheet HTML 16Page - STMicroelectronics UM0932 Datasheet HTML 17Page - STMicroelectronics UM0932 Datasheet HTML 18Page - STMicroelectronics UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
DocID17385 Rev 3
19/43
UM0932
Host interface
43
3.2.9
Host interface timeouts
All the default values of host interface timeouts are reported in Table 9.
3.3
Command codes
Each command frame exchanged between the external host and the ST7580 carries
a command, identified by a unique command code (declared in the command code field as
in Figure 8:)
It is possible to distinguish four different command types:
Request commands sent by the external host to use a ST7580 service
Confirm commands sent by the ST7580 to answer a previous request command
correctly executed
Error commands sent by the ST7580 to answer a previous request command not
executed
Indication commands sent by the ST7580 to inform the external host about a change
on its services; these are unsolicited commands not following any request.
Request commands
Request commands are sent by the external host to perform an action on ST7580. ST7580
executes the command and answers the external host through either a confirm command or
an error command.
Table 10 shows all request commands: their syntax and data fields are explained in the next
paragraphs.
Table 9. Communication protocol timeouts
Timeout
Default value [ms]
Tic
10
Tack
40
Tsr
200
Table 10. Request command codes
Group
Request command
Code
Reset
BIO_ResetRequest (Section 3.3.1)3Ch
MIB
MIB_WriteRequest (Section 3.3.4)08h
MIB_ReadRequest (Section 3.3.6)0Ch
MIB_EraseRequest (Section 3.3.8)10h
Ping
PingRequest (Section 3.3.10)2Ch
Data
PHY_DataRequest (Section 3.3.12)24h
DL_DataRequest (Section 3.3.15)50h
SS_DataRequest (Section 3.3.19)54h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com