Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 23 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 19Page - STMicroelectronics UM0932 Datasheet HTML 20Page - STMicroelectronics UM0932 Datasheet HTML 21Page - STMicroelectronics UM0932 Datasheet HTML 22Page - STMicroelectronics UM0932 Datasheet HTML 23Page - STMicroelectronics UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
DocID17385 Rev 3
23/43
UM0932
Host interface
43
3.3.5
MIB_WriteConfirm (09h)
This command is sent by the ST7580 to acknowledge an MIB_WriteRequest (see
Section 3.3.4), if the request has been accepted and executed without errors.
3.3.6
MIB_ReadRequest (0Ch)
This command is used by the external host to read the current value of an MIB object.
The ST7580 checks the parameters for validation:
If the check is valid, the object is updated in the database and the ST7580 replies with
a MIB_ReadConfirm (Section 3.3.7).
If the check is not valid, the request is rejected and the ST7580 replies with
a MIB_ReadError (Table 12).
Table 20. MIB_WriteRequest: Syntax
Source
Command(Args)
Possible response
Source
Ext. host
MIB_WriteRequest
(RequestData)
Request accepted: MIB_WriteConfirm
Request rejected: MIB_WriteError (ErrorData)
Ext. host
Table 21. MIB_WriteRequest: RequestData
Byte index
Label
Description
0INDEX
MIB database entry index. Refer to the MIB table (Table 52) for available
objects allowed to be written.
1
 n
DATA
Data to be written in the MIB location INDEX.
Table 22. MIB_WriteConfirm: syntax
Source
Command(Args)
Possible response
ST7580
MIB_WriteConfirm ()
None
Table 23. MIB_ReadRequest: Syntax
Source
Command(Args)
Possible response
Ext. host
MIB_ReadRequest
(RequestData)
Request accepted: MIB_ReadConfirm (ConfirmData)
Request rejected: MIB_ReadError (ErrorData)
Table 24. MIB_ReadRequest: RequestData
Byte
index
Label
Description
0
INDEX
MIB database entry index. Refer to the MIB table (Table 52) for available
objects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com