Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 29 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics UM0932 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
DocID17385 Rev 3
29/43
UM0932
Host interface
43
3.3.16
DL_DataConfirm (51h)
This command is sent by the ST7580 to provide a positive confirmation to
a DL_DataRequest (Section 3.3.15) previously requested by the external host.
The ConfirmData field has the same format as for PHY_DataConfirm (see Table 37).
3.3.17
DL_DataIndication (52h)
This command is sent by the ST7580 after a reception of a power line frame in compliance
with DL frame specification (Figure 3, i.e. with a CRC correct field) and it exports the
DL_Data indication service (Section 2.4). The command notification occurs if the modem is
set for receiving DL or SS frames at MIB object Modem Config 00h (Section 4.2.1), as in the
diagram flow in Figure 5.
The IndicationData fields are the same as for PHY_DataIndication (Table 39).
3.3.18
DL_SnifferIndication (5Ah)
This command is sent by the ST7580 after a reception of a power line frame in compliance
with DL frame specification (Figure 3, i.e. with a wrong CRC field) and it exports the
DL_Sniffer indication service (Section 2.4). The command notification occurs if the modem
is set for receiving DL or SS frames at MIB object Modem Config 00h (Section 4.2.1), as in
the diagram flow in Figure 5.
The IndicationData fields are the same as for PHY_DataIndication (Table 39). The payload
field presents the wrong CRC bytes also.
Table 40. DL_DataRequest: Syntax
Source
Command(Args)
Possible Response
External host DL_DataRequest(RequestData)
Request accepted: DL_DataConfirm
(ConfirmData)
Request rejected: DL_DataError (ErrorData)
Table 41. DL_DataConfirm: Syntax
Source
Command(Args)
Possible response
ST7580
DL_DataConfirm (ConfirmData)
None
Table 42. DL_DataIndication: Syntax
Source
Command(Args)
Possible response
ST7580
DL_DataIndication (IndicationData)
None
Table 43. DL_SnifferIndication: Syntax
Source
Command(Args)
Possible response
ST7580
DL_SnifferIndication (IndicationData)
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com