Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0932 Datasheet(PDF) 28 Page - STMicroelectronics

Part # UM0932
Description  system-on-chip
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0932 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button UM0932 Datasheet HTML 24Page - STMicroelectronics UM0932 Datasheet HTML 25Page - STMicroelectronics UM0932 Datasheet HTML 26Page - STMicroelectronics UM0932 Datasheet HTML 27Page - STMicroelectronics UM0932 Datasheet HTML 28Page - STMicroelectronics UM0932 Datasheet HTML 29Page - STMicroelectronics UM0932 Datasheet HTML 30Page - STMicroelectronics UM0932 Datasheet HTML 31Page - STMicroelectronics UM0932 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Host interface
UM0932
28/43
DocID17385 Rev 3
3.3.14
PHY_DataIndication (26h)
This command is sent by the ST7580 device after a reception of a power line frame in
compliance with PHY frame specification (Figure 3) and it exports the PHY_Data indication
service (Section 2.4).
The command notification occurs if the modem is set at PHY layer only at MIB object
Modem Config 00h (Section 4.2.1), as in the diagram flow in Figure 5.
3.3.15
DL_DataRequest (50h)
This command is sent by the external host to request data transmission and it exports the
DL_Data transmission service (Section 2.3).
If accepted, the ST7580 constructs a DL frame (Figure 3) that is transmitted over the
power line according to the details expressed in RequestData field (same format as
PHY_DataRequest,Table 35) and with automatically appended CRC field with the
format selected in MIB object Modem Config (00h, Section 4.2.1). A positive
DL_DataConfirm (Section 3.3.16) is generated at the end of the transmission
If refused, the modem generates a DL_DataError (Table 12).
Table 38. PHY_DataIndication: Syntax
Source
Command(Args)
Possible response
ST7580
PHY_DataIndication (IndicationData)
None
Table 39. PHY_DataIndication: indicationData
Byte
Index
Bit
Index
Label
Description and available values
0
0 - 2
Frame modulation
Frame modulation on the last data indication received
0: B-PSK
1: Q-PSK
2: 8-PSK
3: B-FSK
4: B-PSK coded
5: Q-PSK coded
6: Reserved
7: B-PSK coded with Peak Noise Avoidance
3
RX channel
RX channel on the last data indication received
0: low channel
1: high channel
4 - 7
PGA value
PGA value on the last data indication received
1SNR
SNR estimated over the Unique Word reception (signed
value, valid for PSK received frames only, equal to 255 – no
meaning – for FSK received frames)
2 - 3
ZC delay
Delay between the received UW last bit and the mains zero-
crossing (signed value), expressed in 13 µs step
4 - 254
PHY payload
Received payload (up to 251 bytes)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com